Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C94 Datasheet(PDF) 84 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 84 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 80Page - SMSC Corporation LAN91C94 Datasheet HTML 81Page - SMSC Corporation LAN91C94 Datasheet HTML 82Page - SMSC Corporation LAN91C94 Datasheet HTML 83Page - SMSC Corporation LAN91C94 Datasheet HTML 84Page - SMSC Corporation LAN91C94 Datasheet HTML 85Page - SMSC Corporation LAN91C94 Datasheet HTML 86Page - SMSC Corporation LAN91C94 Datasheet HTML 87Page - SMSC Corporation LAN91C94 Datasheet HTML 88Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 120 page
background image
84
Only when 16 retries are reached, the CSMA/CD
block will clear the TXENA bit, and CPU
intervention is required. The DMA will not
automatically restart data transfer in this case,
nor will it transmit the next enqueued packet
until TXENA is set by the CPU. The DMA will
move the packet number in question from the
TX FIFO into the TX completion FIFO.
NETWORK INTERFACE
The LAN91C94 includes both an AUI interface
for thick and thin coax applications and a
10BASE-T interface for twisted pair applications.
Functions common to both are:
1.
Manchester
encoder/decoder
to
convert
NRZ data to Manchester encoded data and
back.
2.
A
32
ms
jabber
timer
to
prevent
inadvertently
long
transmissions.
When
'jabbing' occurs, the transmitter is disabled,
automatic loopback is disabled (in 10BASE-
T mode), and a collision indication is given
to the controller.
The interface 'unjabs'
when the transmitter has been idle for a
minimum of 256 ms.
3.
A phase-lock loop to recover data and clock
from the Manchester data stream with up to
plus or minus 18ns of jitter.
4.
Diagnostic loopback capability.
5.
LED drivers for collision, transmission,
reception, and jabber.
10BASE-T
The 10BASE-T interface conforms to the twisted
pair MAU addendum to the 802.3 specification.
On the transmission side, it converts the NRZ
data from the controller to Manchester data and
provides the appropriate signal level for driving
the
media.
Signal
are
predistorted
before
transmission to minimize ISI. The collision
detection circuitry monitors the simultaneous
occurrence of received signals and transmitted
data
on
the
media.
During transmission,
data is automatically looped back to the receiver
except during collision periods, in which case
the input to the receiver is network data. During
collisions, should the receive input go idle prior
to the transmitter going idle, input to the receiver
switches back to the transmitter within 9 bit
times. Following transmission, the transmitter
performs a SQE test. This test exercises the
collision detection circuitry within the 10BASE-T
interface.
The receiver monitors the media at all times. It
recovers the clock and data and passes it along
to the controller. In the absence of any receive
activity, the transmitter is looped back to the
receiver. In addition, the receiver performs
automatic polarity correction.
The 10BASE-T
interface performs link integrity tests per section
14.2.1.7 of 802.3, using the following values:
1. Link_loss_timer: 64 ms
2. Link_test_min_timer: 4 ms
3. Link_count: 2
4. Link_test_max_timer: 64 ms
The state of the link is reflected in the EPHSR.
AUI
The LAN91C94 also provides a standard 6 wire
AUI interface to a coax transceiver.
PHYSICAL INTERFACE
The internal physical interface (PHY) consists of
an encoder/decoder (ENDEC) and an internal
10BASE-T
transceiver.
The
ENDEC
also
provides a standard 6-pin AUI interface to an
external coax transceiver for 10BASE-T and
10BASE-5 applications.
The signals between
MAC and the PHY can be routed to pins by
asserting
the
nXENDEC
pin
low.
This
feature allows the interface to an external
ENDEC and transceiver.
The PHY functions
can
be
divided
into
transmit
and
receive
functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com