Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C94 Datasheet(PDF) 88 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 88 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 84Page - SMSC Corporation LAN91C94 Datasheet HTML 85Page - SMSC Corporation LAN91C94 Datasheet HTML 86Page - SMSC Corporation LAN91C94 Datasheet HTML 87Page - SMSC Corporation LAN91C94 Datasheet HTML 88Page - SMSC Corporation LAN91C94 Datasheet HTML 89Page - SMSC Corporation LAN91C94 Datasheet HTML 90Page - SMSC Corporation LAN91C94 Datasheet HTML 91Page - SMSC Corporation LAN91C94 Datasheet HTML 92Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 120 page
background image
88
On EEPROM write operations (after setting the
STORE bit) the values of the CONFIGURATION
REGISTER and BASE REGISTER are written in
the EEPROM locations defined by the IOS2-0
pins.
The three least significant bits of the CONTROL
REGISTER (EEPROM SELECT, RELOAD and
STORE) are used to control the EEPROM. Their
values are not stored nor loaded from the
EEPROM.
b)
GENERAL
PURPOSE
REGISTER
-
EEPROM SELECT bit = 1
On EEPROM read operations (after setting
RELOAD high) the EEPROM word address
defined by the POINTER REGISTER 6 least
significant bits is read into the GENERAL
PURPOSE REGISTER.
On EEPROM write operations (after setting the
STORE bit) the value of the
GENERAL
PURPOSE
REGISTER
is
written
at
the
EEPROM
word
address
defined
by
the
POINTER REGISTER 6 least significant bits.
RELOAD and STORE are set by the user to
initiate read and write operations respectively.
Polling the value until read low is used to
determine completion.
When an EEPROM
access is in progress the STORE and RELOAD
bits of CTR will readback as both bits high. No
other bits of the LAN91C94 can be read or
written until the EEPROM operation completes
and both bits are clear. This mechanism is also
valid for reset initiated reloads.
Note: If no
EEPROM is connected to the LAN91C94, for
example for some embedded applications, the
ENEEP
pin
should
be
grounded
and
no
accesses to the EEPROM will be attempted.
Configuration, Base, and Individual Address
assume their default values upon hardware
reset
and
the
CPU
is
responsible
for
programming them for their final value.
DIAGNOSTIC LEDs
The following LED drive signals are available for
diagnostic and installation aid purposes:
nTXLED - Activated by transmit activity.
nBSELED - Board select LED. Activated when
the board space is accessed, namely on
accesses to the LAN91C94 register space or the
ROM area decoded by the LAN91C94. The
signal is stretched to 125 msec.
nRXLED - Activated by receive activity.
nLINKLED - Reflects the link integrity status.
ARBITRATION CONSIDERATIONS
The arbiter exploits the sequential nature of the
CPU accesses to provide a very fast access
time.
Memory bandwidth considerations will
have an effect on the CPU cycle time but no
effect on access time.
For normal 8 MHz, 10 MHz and 12.5 MHz ISA
buses as well as EISA normal cycles the
LAN91C94 can be accessed without negating
ready.
When write operations occur, the data is written
into a FIFO.
The CPU cycle can complete
immediately, and the buffered data will be
written
into
memory
later.
The
memory
arbitration request is generated as a function of
that FIFO being not empty. The nature of the
cycle requested (byte/word) is determined by the
lsb of the pointer and the number of bytes in the
FIFO.
When read operations occur, words are pre-
fetched upon pointer loading in order to have at
least a word ready in the FIFO to be read. New
pre-fetch cycles are requested as a function of
the number of bytes in the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com