Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C94 Datasheet(PDF) 44 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 40Page - SMSC Corporation LAN91C94 Datasheet HTML 41Page - SMSC Corporation LAN91C94 Datasheet HTML 42Page - SMSC Corporation LAN91C94 Datasheet HTML 43Page - SMSC Corporation LAN91C94 Datasheet HTML 44Page - SMSC Corporation LAN91C94 Datasheet HTML 45Page - SMSC Corporation LAN91C94 Datasheet HTML 46Page - SMSC Corporation LAN91C94 Datasheet HTML 47Page - SMSC Corporation LAN91C94 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 120 page
background image
44
I/O SPACE - BANK1
OFFSET
0
NAME
CONFIGURATION REGISTER
TYPE
READ/WRITE
SYMBOL
CR
The Configuration Register holds bits that define the device configuration and are not expected to
change during run-time. This register is part of the EEPROM saved setup.
HIGH
BYTE
0
NO WAIT
FULL
STEP
SET
SQLCH
AUI
SELECT
0
X
X
0
X
0
0
0
LOW
BYTE
16 BIT
DIS LINK
RESERVED
INT SEL1
INT SEL0
Function of
nEN16 pin
0
1
1
0
0
0
X
NO WAIT - When set, does not request
additional wait states. An exception to this are
accesses to the Data Register if not ready for a
transfer. When clear, negates IOCHRDY for two
to three 20MHz clocks on any cycle to the
LAN91C94.
FULL STEP - This bit is used to select the
signaling mode for the AUI port. When set the
AUI port uses full step signaling. Defaults low to
half step signaling. This bit is only meaningful
when AUI SELECT is high.
SET SQLCH - When set, the squelch level used
for the 10BASE-T receive signal is 240mV.
When
clear
the
receive
squelch
level
is
400mV.Defaults low.
AUI SELECT - When set the AUI interface is
used, when clear the 10BASE-T interface is
used. Defaults low.
16BIT - Used in conjunction with nEN16 and
IOis8 (in PCMCIA mode only) to define the
width of the system bus. If the nEN16 pin is low,
this bit is forced high. Otherwise the bit defaults
low and can be programmed by the host CPU.
DIS LINK - This bit is used to disable the
10BASE-T link test functions. When this bit is
high the LAN91C94 disables link test functions
by not generating nor monitoring the network for
link pulses. In this mode the LAN91C94 will
transmit packets regardless of the link test, the
EPHSR LINK_OK bit will be set and the LINK
LED will stay on. When low the link test
functions are enabled. If the link status indicates
FAIL, the EPHSR LINK_OK bit will be low, while
transmit packets enqueued will be processed by
the LAN91C94, transmit data will not be sent
out to the cable.
INT SEL1-0 - Used to select one out of four
interrupt pins. The three unused interrupts are
tristated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com