Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C94 Datasheet(PDF) 68 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 68 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 64Page - SMSC Corporation LAN91C94 Datasheet HTML 65Page - SMSC Corporation LAN91C94 Datasheet HTML 66Page - SMSC Corporation LAN91C94 Datasheet HTML 67Page - SMSC Corporation LAN91C94 Datasheet HTML 68Page - SMSC Corporation LAN91C94 Datasheet HTML 69Page - SMSC Corporation LAN91C94 Datasheet HTML 70Page - SMSC Corporation LAN91C94 Datasheet HTML 71Page - SMSC Corporation LAN91C94 Datasheet HTML 72Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 120 page
background image
68
TYPICAL FLOW OF EVENTS FOR RECEIVE
S/W DRIVER
CSMA/CD SIDE
1
ENABLE RECEPTION - By setting the RXEN
bit.
2
A packet is received with matching address.
Memory is requested from MMU.
A packet
number is assigned to it. Additional memory
is requested if more pages are needed.
3
The internal DMA logic generates sequential
addresses and writes the receive words into
memory.
The MMU does the sequential to
physical address translation.
If overrun,
packet is dropped and memory is released.
4
When the end of packet is detected, the status
word is placed at the beginning of the receive
packet in memory. Byte count is placed at the
second word. If the CRC checks correctly the
packet number is written into the RX FIFO.
The RX FIFO being not empty causes RCV
INT (interrupt) to be set. If CRC is incorrect
the
packet
memory
is
released
and
no
interrupt will occur.
5
SERVICE INTERRUPT - Read the Interrupt
Status Register and determine if RCV INT is
set. The next receive packet is at receive area.
(Its packet number can be read from the FIFO
Ports Register).
The software driver can
process the packet by accessing the RX area,
and can move it out to system memory if
desired.
When processing is complete the
CPU issues the REMOVE AND RELEASE
FROM TOP OF RX command to have the
MMU free up the used memory and packet
number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com