Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C5111 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 74Page - ATMEL Corporation AT83C5111 Datasheet HTML 75Page - ATMEL Corporation AT83C5111 Datasheet HTML 76Page - ATMEL Corporation AT83C5111 Datasheet HTML 77Page - ATMEL Corporation AT83C5111 Datasheet HTML 78Page - ATMEL Corporation AT83C5111 Datasheet HTML 79Page - ATMEL Corporation AT83C5111 Datasheet HTML 80Page - ATMEL Corporation AT83C5111 Datasheet HTML 81Page - ATMEL Corporation AT83C5111 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
78
AT8xC5111
4190A–8051–11/02
Serial Port Timing - Shift
Register Mode
Table 6. Symbol Description
Table 7. AC Parameters for a Fix Clock
Table 8. AC Parameters for a Variable Clock: Derat ing Formula
Symbol
Parameter
T
XLXL
Serial port clock cycle time
T
QVHX
Output dat a set-up to clock rising edge
T
XHQX
Output dat a hold after clock rising edge
T
XHDX
Input dat a hold after clock rising edge
T
XHDV
Clock rising edge to input dat a valid
Speed
-L (VCC = 5V)
X2 mode
33 MHz
66 MHz equiv.
-L (V
CC = 5V)
Standard Mode
40 MHz
-L (VCC = 3V)
X2 Mode
33 MHz
66 MHz equiv.
-L (V
CC = 3V)
Standard Mode
40 MHz
Units
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
TXLXL
180
300
300
300
ns
TQVHX
100
200
200
200
ns
TXHQX
10
30
30
30
ns
TXHDX
0000
ns
TXHDV
17
117
17
117
ns
Symbol
Type
Standard
Clock
X2 Clock
-L (Vcc =
5V)
-L (Vcc =
3V)
Units
TXLXL
Min
12 T
6 T
ns
TQVHX
Min
10 T - x
5 T - x
50
50
ns
TXHQX
Min
2 T - x
T - x
20
20
ns
TXHDX
Min
x
x
0
0
ns
TXHDV
Max
10 T - x
5 T- x
133
133
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com