Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C5111 Datasheet(PDF) 58 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 54Page - ATMEL Corporation AT83C5111 Datasheet HTML 55Page - ATMEL Corporation AT83C5111 Datasheet HTML 56Page - ATMEL Corporation AT83C5111 Datasheet HTML 57Page - ATMEL Corporation AT83C5111 Datasheet HTML 58Page - ATMEL Corporation AT83C5111 Datasheet HTML 59Page - ATMEL Corporation AT83C5111 Datasheet HTML 60Page - ATMEL Corporation AT83C5111 Datasheet HTML 61Page - ATMEL Corporation AT83C5111 Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
58
AT8xC5111
4190A–8051–11/02
Registers
Table 2. ADCON Register
ADCON (S:F3h)
ADC Control Register
Reset value = X000 0000b
Table 3. ADCLK Register
ADCLK (S:F2h)
ADC Clock Prescaler
Reset value = 0000 0000b
7654
3210
QUIETM
PSIDLE
ADEN
ADEOC
ADSST
SCH2
SCH1
SCH0
Bit Number
Bit Mnemonic
Description
7QUIETM
Pseudo Idle mode (best precision)
Set to put in quiet mode during conversion.
Cleared by hardware after completion of the conversion.
6PSIDLE
Pseudo Idle mode (good precision)
Set to put in idle mode during conversion.
Cleared by hardware after completion of the conversion.
5ADEN
Enable/Standby Mode
Set to enable ADC.
Clear for Standby mode (power dissipation 1 µW).
4ADEOC
End Of Conversion
Set by hardware when ADC result is ready to be read. This flag can
generate an interrupt.
Must be cleared by software.
3ADSST
Start and Status
Set to start an A/D conversion.
Cleared by hardware after completion of the conversion.
2 - 0
SCH2:0
Selection of channel to convert
See Table 41.
7654
3210
-
PRS 6
PRS 5
PRS 4
PRS 3
PRS 2
PRS 1
PRS 0
Bit Number
Bit Mnemonic
Description
7
Reserved
Leave this bit at 0.
6 - 0
PRS6:0
Clock Prescaler
f
CONV_CK = fCkADC/(2 * PRS)
if PRS = 0, f
CONV_CK = fCkADC/256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com