Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C5111 Datasheet(PDF) 80 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 76Page - ATMEL Corporation AT83C5111 Datasheet HTML 77Page - ATMEL Corporation AT83C5111 Datasheet HTML 78Page - ATMEL Corporation AT83C5111 Datasheet HTML 79Page - ATMEL Corporation AT83C5111 Datasheet HTML 80Page - ATMEL Corporation AT83C5111 Datasheet HTML 81Page - ATMEL Corporation AT83C5111 Datasheet HTML 82Page - ATMEL Corporation AT83C5111 Datasheet HTML 83Page - ATMEL Corporation AT83C5111 Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 86 page
background image
80
AT8xC5111
4190A–8051–11/02
A/D Converter
Notes:
1. For 10 bits resolution
AC Testing Input/Output
Waveforms
Figure 8. AC Testing Input/Output Waveforms
AC inputs during testing are driven at VCC - 0.5 for a logic “1” and 0.45V for a logic “0”.
Timing measurement are made at VIH min for a logic “1” and VIL max for a logic “0”.
Figure 9. Float Waveforms
For timing purposes as port pin is no longer float ing when a 100 mV change from load
voltage occurs and begins to float when a 100 mV change from the loaded V
OH/VOL level
occurs. I
OL/IOH ≥ ± 20mA.
Clock Waveforms
Valid in normal clock mode. In X2 mode XTAL2 signal must be changed to XTAL2
divided by two.
Symbol
Parameter
Min
Typ
Max
Units
TConv
Conversion time
11
Clock periods (1 for
sampling, 10 for
conversion)
TSetup
Setup time
4
µs
FConv_Ck
Clock Conversion frequency
1100
(1)
kHz
Sampling frequency
10
100
kHz
0.45V
V
CC-0.5V
0.2V
CC+0.9
0.2V
CC-0.1
INPUT/OUTPUT
V
OL+0.1 V
V
OH-0.1 V
FLOAT
V
LOAD
V
LOAD+0.1 V
V
LOAD-0.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com