Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C5111 Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 68Page - ATMEL Corporation AT83C5111 Datasheet HTML 69Page - ATMEL Corporation AT83C5111 Datasheet HTML 70Page - ATMEL Corporation AT83C5111 Datasheet HTML 71Page - ATMEL Corporation AT83C5111 Datasheet HTML 72Page - ATMEL Corporation AT83C5111 Datasheet HTML 73Page - ATMEL Corporation AT83C5111 Datasheet HTML 74Page - ATMEL Corporation AT83C5111 Datasheet HTML 75Page - ATMEL Corporation AT83C5111 Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
72
AT8xC5111
4190A–8051–11/02
DC Parameters for Standard Voltage
Table 1. DC Parameters in Standard Voltage
TA = -40°C to +85°C; VSS = 0 V; VCC = 5V ± 10%
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2 V
CC - 0.1
V
VIH
Input High Voltage except XTAL1, RST
0.2 V
CC +
0.9
VCC + 0.5
V
VIH1
Input High Voltage, XTAL1, RST
0.7 VCC
VCC + 0.5
V
V
OL
Output Low Voltage, ports 1, 3, 4.
(6)
0.3
0.45
1.0
V
V
V
I
OL = 100 µA
I
OL = 1.6 mA
I
OL = 3.5 mA
V
OH
Output High Voltage, ports 1, 3, 4.(6)
mode pseudo bidirectionnel
V
CC - 0.3
V
CC - 0.7
V
CC - 1.5
V
V
V
I
OH = -10 µA
I
OH = -30 µA
I
OH = -60 µA
V
CC = 5V ± 10%
V
OH2
Output High Voltage, ports 1, 3, 4.
(6)
Mode Push pull
V
CC - 0.3
V
CC - 0.7
V
CC - 1.5
V
V
V
I
OH = -100 µA
I
OH = -1.6 mA
I
OH = -3.2 mA
V
CC = 5V ± 10%
Off impedance, ports 1, 3, 4.
6M
RRST
RST Pullup Resistor
50
90
(5)
200
k
I
IL
Logic 0 Input Current ports 1, 3 and 4
-50
TBD
µA
V
IN = 0.45V, port 1 & 3
V
IN = 0.45V, port 4
I
LI
Input Leakage Current
±10
µA
0.45V < V
IN < VCC
I
TL
Logic 1 to 0 Transition Current, ports 1, 3, 4
-650
µAV
IN = 2.0 V
C
IO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA = 25
°C
IPD
Power-down Current
to be
confirmed
20
(5)
50
µA2.0V < V
CC < 5.5V
(3)
I
CC
under
RESET
Power Supply Current Maximum values, X1 mode
(7)
to be
confirmed
3+ 0.4 Freq
(MHz)
5.8 at 12 MHz
7.4 at 16 MHz
mA
VCC = 5.5V (1)
ICC
operat
ing
Power Supply Current Maximum values, X1 mode(7)
to be
confirmed
3 + 0.6 Freq
(MHz)
10.2 at 12 MHz
12.6 at 16 MHz
mA
V
CC = 5.5V
(8)
I
CC
idle
Power Supply Current Maximum values, X1 mode(7)
to be
confirmed
3 + 0.3 Freq
(MHz)
3.9 at 12 MHz
5.1 at 16 MHz
mA
V
CC = 5.5V
(2)
I
CC
operat
ing
Power Supply Current OSCB
to be
confirmed
6
mA
VCC = 5.5V
(8),
at 12 MHz
VRET
Supply voltage during power-down mode
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com