Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C5111 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 44Page - ATMEL Corporation AT83C5111 Datasheet HTML 45Page - ATMEL Corporation AT83C5111 Datasheet HTML 46Page - ATMEL Corporation AT83C5111 Datasheet HTML 47Page - ATMEL Corporation AT83C5111 Datasheet HTML 48Page - ATMEL Corporation AT83C5111 Datasheet HTML 49Page - ATMEL Corporation AT83C5111 Datasheet HTML 50Page - ATMEL Corporation AT83C5111 Datasheet HTML 51Page - ATMEL Corporation AT83C5111 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
48
AT8xC5111
4190A–8051–11/02
The last bit in the register ECOM (CCAPMn.6) when set enables the comparator
function.
Table 35 shows the CCAPMn settings for the various PCA functions.
Table 3. CCAPMn: PCA Modules Compare/Capture Control Registers
CAPMn Address n = 0 - 4
7654
3210
-
ECOMn
CAPPn
CAPn
MATn
TOGn
PWMm
ECCFn
Bit
Number
Bit
Mnemonic
Description
7
-
Not implemented, reserved for future use.
(1)
1.
User software should not write 1s to reserved bits. These bits may be used in future 8051
family products to invoke new features. In that case, the reset or inactive value of the
new bit will be 0, and its active value will be 1. The value read from a reserved bit is
indeterminate.
6
ECOMn
Enable Comparator. ECOMn = 1 enables the comparator function.
5
CAPPn
Capture Positive, CAPPn = 1 enables positive edge capture.
4
CAPNn
Capture Negative, CAPNn = 1 enables negative edge capture.
3MATn
Match. When MATn = 1, a match of the PCA counter with this module’s
compare/capture register causes the CCFn bit in CCON to be set, flagging an
interrupt.
2TOGn
Toggle. When TOGn = 1, a match of the PCA counter with this module’s
compare/capture register causes the CEXn pin to toggle.
1PWMn
Pulse Width Modulation Mode. PWMn = 1 enables the CEXn pin to be used as a
pulse width modulated output.
0
ECCFn
Enable CCF interrupt. Enables compare/capture flag CCFn in the CCON register
to generate an interrupt.
Reset value = X000000
Table 4. PCA Module Modes (CCAPMn Registers)
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMm
ECCFn
Module Function
00
000
00
No Operation
X
1
000
0
X
16-bit capture by a positive-edge
trigger on CEXn
X
0
100
0
X
16-bit capture by a negative trigger
on CEXn
X
1
100
0
X
16-bit capture by a transition on
CEXn
10
010
0
X
16-bit Software Timer/Compare
mode.
1
0
0
1
1
0
X
16-bit High-speed Output
10
000
10
8-bit PWM
1
0
0
1
X
0
X
Watchdog Timer (module 4 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com