Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C5111 Datasheet(PDF) 59 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 55Page - ATMEL Corporation AT83C5111 Datasheet HTML 56Page - ATMEL Corporation AT83C5111 Datasheet HTML 57Page - ATMEL Corporation AT83C5111 Datasheet HTML 58Page - ATMEL Corporation AT83C5111 Datasheet HTML 59Page - ATMEL Corporation AT83C5111 Datasheet HTML 60Page - ATMEL Corporation AT83C5111 Datasheet HTML 61Page - ATMEL Corporation AT83C5111 Datasheet HTML 62Page - ATMEL Corporation AT83C5111 Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
59
AT8xC5111
4190A–8051–11/02
Table 4. ADDH Register
ADDH (S:F5h Read Only)
ADC Data High byte register
Read only register
Reset value = 00h
Table 5. ADDL Register
ADDL (S:F4h Read Only)
ADC Data Low byte register
Read only register
Reset value = xxxx xx00b
Table 6. ADCF Register
ADCF (S:F6h)
ADC Input Select Register
7654
3210
ADAT 9
ADAT 8
ADAT 7
ADAT 6
ADAT 5
ADAT 4
ADAT 3
ADAT 2
Bit Number
Bit Mnemonic Description
7 - 0
ADAT9:2
ADC result
Bits 9 - 2
7654
3210
-
-
-
-
-
-
ADAT 1
ADAT 0
Bit Number
Bit Mnemonic
Description
7 - 6
-
Reserved
The value read from these bits are indeterminate. Do not set these bits.
1 - 0
ADAT1:0
ADC result
Bits 1 - 0
7654
3210
SEL7
SEL6
SEL5
SEL4
SEL3
SEL2
SEL1
SEL0
Bit Number
Bit Mnemonic Description
7 - 0
SEL7 - 0
Select Input 7 - 0
Set to select bit 7 - 0 as possible input for A/D
Cleared to leave this bit free for other function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com