Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C5111 Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 66Page - ATMEL Corporation AT83C5111 Datasheet HTML 67Page - ATMEL Corporation AT83C5111 Datasheet HTML 68Page - ATMEL Corporation AT83C5111 Datasheet HTML 69Page - ATMEL Corporation AT83C5111 Datasheet HTML 70Page - ATMEL Corporation AT83C5111 Datasheet HTML 71Page - ATMEL Corporation AT83C5111 Datasheet HTML 72Page - ATMEL Corporation AT83C5111 Datasheet HTML 73Page - ATMEL Corporation AT83C5111 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
70
AT8xC5111
4190A–8051–11/02
Configuration Byte
The configuration byte is a special register. Its content is defined by the diffusion mask
in the ROM version or is read or written by the OTP programmer in the OTP version.
This register can also be accessed as a read only register.
Table 2. Configuration Byte - CONF (EFh)
Reset value = 1111 111X
765432
1
0
LB1
LB2
LB3
1
1
1
1
1
Bit Number
Bit Mnemonic Description
7:5
-
Program memory lock bits
See previous chapter for the definition of these bits.
4
-
Reserved
Leave this bit at 1.
3
-
Reserved
Leave this bit at 1.
2
-
Reserved
Leave this bit at 1.
1
-
Reserved
Leave this bit at 1.
0
-
Reserved
Leave this bit at 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com