Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C5111 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 37Page - ATMEL Corporation AT83C5111 Datasheet HTML 38Page - ATMEL Corporation AT83C5111 Datasheet HTML 39Page - ATMEL Corporation AT83C5111 Datasheet HTML 40Page - ATMEL Corporation AT83C5111 Datasheet HTML 41Page - ATMEL Corporation AT83C5111 Datasheet HTML 42Page - ATMEL Corporation AT83C5111 Datasheet HTML 43Page - ATMEL Corporation AT83C5111 Datasheet HTML 44Page - ATMEL Corporation AT83C5111 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
41
AT8xC5111
4190A–8051–11/02
Registers
There are three registers in the module that provide control, status and data storage
functions. These registers are described in the following paragraphs.
Serial Peripheral Control
Register (SPCON)
The Serial Peripheral Control Register does the following:
Selects one of the Master clock rates
Selects serial clock polarity and phase
Enables the SPI module
Table 30 describes this register and explains the use of each bit:
Table 3. Serial Peripheral Control Register
Reset value = 00010100b
7654
3210
SPR2
SPEN
––
CPOL
CPHA
SPR1
SPR0
Bit
Number
Bit
Mnemonic
R/W Mode
Description
7SPR2
RW
Serial Peripheral Rate 2
Bit with SPR1 and SPR0 define the clock rate
6SPEN
RW
Serial Peripheral Enable
Clear to disable the SPI interface
Set to enable the SPI interface
5-
RW
Reserved
Leave this Bit at 0.
4-
RW
Reserved
Leave this Bit at 1.
3CPOL
RW
Clock Polarity
Clear to have the SCK set to ’0’ in idle state
Set to have the SCK set to ’1’ in idle low
2CPHA
RW
Clock Phase
Clear to have the data sampled when the SPSCK leaves the idle
state (see CPOL)
Set to have the data sampled when the SPSCK returns to idle
state (see CPOL)
1SPR1
RW
Serial Peripheral Rate (SPR2:SPR1:SPR0)
000: FCkIdle /2
001: FCkIdle /4
010: FCkIdle /8
011: FCkIdle /16
0SPR0
RW
100: FCkIdle /32
101: FCkIdle /64
110: FCkIdle /128
111: External clock, output of BRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com