Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C5111 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 67Page - ATMEL Corporation AT83C5111 Datasheet HTML 68Page - ATMEL Corporation AT83C5111 Datasheet HTML 69Page - ATMEL Corporation AT83C5111 Datasheet HTML 70Page - ATMEL Corporation AT83C5111 Datasheet HTML 71Page - ATMEL Corporation AT83C5111 Datasheet HTML 72Page - ATMEL Corporation AT83C5111 Datasheet HTML 73Page - ATMEL Corporation AT83C5111 Datasheet HTML 74Page - ATMEL Corporation AT83C5111 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
71
AT8xC5111
4190A–8051–11/02
Electrical Characteristics
Absolute Maximum Ratings (1)
Power Consumption
Measurement
Since the introduction of the first C51 devices, every manufacturer made operat ing I
CC
measurements under reset, which made sense for the designs were the CPU was run-
ning under reset. In our new devices, the CPU is no longer active during reset, so the
power consumption is very low but is not really representat ive of what will happen in the
customer system. That ’s why, while keeping measurements under Reset, we present a
new way to measure the operat ing I
CC:
Using an internal test ROM, the following code is executed:
Label:
SJMP Label (80 FE)
Ports 1, 3, 4 are disconnected, RST = V
CC, XTAL2 is not connected and XTAL1 is driven
by the clock.
This is much more representat ive of the real operat ing I
CC.
C = Commercial.................................................... 0
°C to 70°C
I = Industrial ....................................................... -40
°C to 85°C
Storage Temperat ure .................................... -65
°C to +150°C
Voltage on V
CC to VSS ...........................................-0.5V to +7V
Voltage on V
PP to VSS .........................................-0.5V to +13V
Voltage on Any Pin to V
SS...................................... -0.5V to VCC +0.5V
Power Dissipat ion .......................................................... 1 W
(2)
Notes:
1.
Stresses at or above those listed under “ Absolute
Maximum Rat ings” may cause permanent dam-
age to the device. This is a stress rat ing only and
functional operat ion of the device at these or any
other conditions above those indicat ed in the
operat ional sections of this specificat ion is not
implied. Exposure to absolute maximum rat ing
conditions may affect device reliability.
2. This value is based on the maximum allowable
die temperat ure and the thermal resistance of the
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com