Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70FS01GS Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 25Page - Cypress Semiconductor S70FS01GS Datasheet HTML 26Page - Cypress Semiconductor S70FS01GS Datasheet HTML 27Page - Cypress Semiconductor S70FS01GS Datasheet HTML 28Page - Cypress Semiconductor S70FS01GS Datasheet HTML 29Page - Cypress Semiconductor S70FS01GS Datasheet HTML 30Page - Cypress Semiconductor S70FS01GS Datasheet HTML 31Page - Cypress Semiconductor S70FS01GS Datasheet HTML 32Page - Cypress Semiconductor S70FS01GS Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 29 of 141
5.
Timing Specifications
5.1
Key to Switching Waveforms
Figure 5.1
Waveform Element Meanings
5.2
AC Test Conditions
Figure 5.2
Test Setup
Notes:
1. Input slew rate measured from input pulse min to max at VDD max. Example: (1.9V x 0.8) - (1.9V x 0.2) = 1.14V; 1.14V/1.25V/ns = 0.9ns rise or fall time.
2. AC characteristics tables assume clock and data signals have the same slew rate (slope).
Table 5.1
AC Measurement Conditions
Symbol
Parameter
Min
Max
Unit
CL
Load Capacitance
30
pF
Input Pulse Voltage
0.2 x VDD
0.8 VDD
V
Input slew rate
0.23
1.25
V/ns
Input Rise and Fall Times
0.9
5
ns
Input Timing Ref Voltage
0.5 VDD
V
Output Timing Ref Voltage
0.5 VDD
V
Input
Symbol
Output
Valid at logic high or low
Valid at logic high or low
High Impedance
Any change permitted
Logic high Logic low
Valid at logic high or low
Valid at logic high or low
High Impedance
Changing, state unknown Logic high Logic low
Device
Under
Test
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com