Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70FS01GS Datasheet(PDF) 96 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 96 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 92Page - Cypress Semiconductor S70FS01GS Datasheet HTML 93Page - Cypress Semiconductor S70FS01GS Datasheet HTML 94Page - Cypress Semiconductor S70FS01GS Datasheet HTML 95Page - Cypress Semiconductor S70FS01GS Datasheet HTML 96Page - Cypress Semiconductor S70FS01GS Datasheet HTML 97Page - Cypress Semiconductor S70FS01GS Datasheet HTML 98Page - Cypress Semiconductor S70FS01GS Datasheet HTML 99Page - Cypress Semiconductor S70FS01GS Datasheet HTML 100Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 96 of 141
programmed in sequence, starting at the provided address within the page, without having any affect on the other bytes of the same
page.
Using the Page Program (PP) command to load an entire page, within the page boundary, will save overall programming time
versus loading less than a page into the program buffer.
The programming process is managed by the Flash memory device internal control logic. After a programming command is issued,
the programming operation status can be checked using the Read Status Register-1 command. The WIP bit (SR1V[0]) will indicate
when the programming operation is completed. The P_ERR bit (SR1V[6]) will indicate if an error occurs in the programming
operation that prevents successful completion of programming. This includes attempted programming of a protected area.
Figure 9.33
Page Program (PP 02h or 4PP 12h) Command Sequence
Note:
1. A = MSB of address = A23 for PP 02h, or A31 for 4PP 12h
CS#
SCK
SI
SO
Phase
7 6 5 4 3 2 1 0 A
5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0
Instruction
Address
Input Data 1
Input Data 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com