Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70FS01GS Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 19Page - Cypress Semiconductor S70FS01GS Datasheet HTML 20Page - Cypress Semiconductor S70FS01GS Datasheet HTML 21Page - Cypress Semiconductor S70FS01GS Datasheet HTML 22Page - Cypress Semiconductor S70FS01GS Datasheet HTML 23Page - Cypress Semiconductor S70FS01GS Datasheet HTML 24Page - Cypress Semiconductor S70FS01GS Datasheet HTML 25Page - Cypress Semiconductor S70FS01GS Datasheet HTML 26Page - Cypress Semiconductor S70FS01GS Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 23 of 141
4.
Electrical Specifications
4.1
Absolute Maximum Ratings
Storage Temperature Plastic Packages ....................................................–65 °C to +150 °C
Ambient Temperature with Power Applied ................................................–65 °C to +125 °C
VDD ............................................................................................................–0.5 V to +2.5V
Input voltage with respect to Ground (VSS) (Note 1) ................................
0.5 V to VDD + 0.5V
Output Short Circuit Current (Note 2)........................................................ 100 mA
Notes:
1. See 4.3.3Input Signal Overshoot on page 24 for allowed maximums during signal transition.
2. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second.
3. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. Exposure of the device to absolute maximum
rating conditions for extended periods may affect device reliability.
4.2
Latchup Characteristics
Note:
1. Excludes power supply VDD. Test conditions: VDD = 1.8 V, one connection at a time tested, connections not being tested are at VSS.
4.3
Operating Ranges
Operating ranges define those limits between which the functionality of the device is guaranteed.
4.3.1
Power Supply Voltages
VDD ………………………………............................... 1.7 V to 2.0 V
4.3.2
Temperature Ranges
Note:
1. Industrial Plus operating and performance parameters will be determined by device characterization and may vary from standard industrial temperature range devices
as currently shown in this specification.
Table 4.1
Latchup Specification
Description
Min
Max
Unit
Input voltage with respect to VSS on all input only connections
1.0
VDD + 1.0
V
Input voltage with respect to VSS on all I/O connections
1.0
VDD + 1.0
V
VDD Current
100
+100
mA
Parameter
Symbol
Conditions
Spec
Unit
Min
Max
Ambient Temperature
TA
Industrial (I) Devices
-40
+85
°C
Industrial Plus (V) Devices
-40
+105
°C
Automotive, AEC-Q100 Grade 3 (A) Devices
-40
+85
°C
Automotive, AEC-Q100 Grade 2 (B) Devices
-40
+105
°C
Automotive, AEC-Q100 Grade 1 (M) Devices
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com