Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70FS01GS Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 14Page - Cypress Semiconductor S70FS01GS Datasheet HTML 15Page - Cypress Semiconductor S70FS01GS Datasheet HTML 16Page - Cypress Semiconductor S70FS01GS Datasheet HTML 17Page - Cypress Semiconductor S70FS01GS Datasheet HTML 18Page - Cypress Semiconductor S70FS01GS Datasheet HTML 19Page - Cypress Semiconductor S70FS01GS Datasheet HTML 20Page - Cypress Semiconductor S70FS01GS Datasheet HTML 21Page - Cypress Semiconductor S70FS01GS Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 18 of 141
Figure 3.12
DDR Quad I/O Read in QPI Mode
Additional sequence diagrams, specific to each command, are provided in section 9. Commands on page 71
3.3
Interface States
This section describes the input and output signal levels as related to the SPI interface behavior.
Legend
– Z
= no driver - floating signal,
– HL
= Host driving VIL,
– HH = Host driving VIH,
– HV = either HL or HH,
– X
= HL or HH or Z,
– HT = toggling between HL and HH,
– ML = Memory driving VIL,
– MH = Memory driving VIH,
– MV = either ML or MH.
Table 3.1
Interface States Summary
Interface State
VDD
SCK
CS#
IO3 / RESET#
WP# / IO2
SO / IO1
SI / IO0
Power-Off
<VDD (low)
X
X
X
X
Z
X
Low Power
Hardware Data Protection
<VDD (cut-off)
X
X
X
X
Z
X
Power-On (Cold) Reset
≥VDD (min)
X
HH
X
X
Z
X
Hardware (Warm) Reset Non-Quad Mode
≥VDD (min)
X
X
HL
X
Z
X
Hardware (Warm) Reset Quad Mode
≥VDD (min)
X
HH
HL
X
Z
X
Interface Standby
≥VDD (min)
X
HH
X
X
Z
X
Instruction Cycle
(Legacy SPI)
≥VDD (min)
HT
HL
HH
HV
Z
HV
Single Input Cycle
Host to Memory Transfer
≥VDD (min)
HT
HL
HH
X
Z
HV
Single Latency (Dummy) Cycle
≥VDD (min)
HT
HL
HH
X
Z
X
Single Output Cycle
Memory to Host Transfer
≥VDD (min)
HT
HL
HH
X
MV
X
Dual Input Cycle
Host to Memory Transfer
≥VDD (min)
HT
HL
HH
X
HV
HV
Dual Latency (Dummy) Cycle
≥VDD (min)
HT
HL
HH
X
X
X
Dual Output Cycle
Memory to Host Transfer
≥VDD (min)
HT
HL
HH
X
MV
MV
Quad Input Cycle
Host to Memory Transfer
≥VDD (min)
HT
HL
HV
HV
HV
HV
Quad Latency (Dummy) Cycle
≥VDD (min)
HT
HL
X
X
X
X
Quad Output Cycle
Memory to Host Transfer
≥VDD (min)
HT
HL
MV
MV
MV
MV
DDR Quad Input Cycle
Host to Memory Transfer
≥VDD (min)
HT
HL
HV
HV
HV
HV
DDR Latency (Dummy) Cycle
≥VDD (min)
HT
HL
MV or Z
MV or Z
MV or Z
MV or Z
DDR Quad Output Cycle
Memory to Host Transfer
≥VDD (min)
HT
HL
MV
MV
MV
MV
CS#
SCLK
IO0
IO1
IO2
IO3
Phase
4
0
28 24 20 16 12 8 4 0 4 0
7 6 5 4 3 2 1 0 4 0 4 0
5
1
29 25 21 17 13 9 5 1 5 1
7 6 5 4 3 2 1 0 5 1 5 1
6
2
30 26 22 18 14 10 6 2 6 2
7 6 5 4 3 2 1 0 6 2 6 2
7
3
31 27 23 19 15 11 7 3 7 3
7 6 5 4 3 2 1 0 7 3 7 3
Instruct.
Address
Mode
Dummy
DLP
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com