Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70FS01GS Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 40Page - Cypress Semiconductor S70FS01GS Datasheet HTML 41Page - Cypress Semiconductor S70FS01GS Datasheet HTML 42Page - Cypress Semiconductor S70FS01GS Datasheet HTML 43Page - Cypress Semiconductor S70FS01GS Datasheet HTML 44Page - Cypress Semiconductor S70FS01GS Datasheet HTML 45Page - Cypress Semiconductor S70FS01GS Datasheet HTML 46Page - Cypress Semiconductor S70FS01GS Datasheet HTML 47Page - Cypress Semiconductor S70FS01GS Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 44 of 141
7.5
OTP Address Space
Each FS-S Family memory device has a 1024 byte One Time Program (OTP) address space that is separate from the main Flash
array. The OTP area is divided into 32, individually lockable, 32 byte aligned and length regions.
In the 32 byte region starting at address zero:
The 16 lowest address bytes are programmed by Cypress with a 128 bit random number. Only Cypress is able to program
zeros in these bytes. Programming ones in these byte locations is ignored and does not affect the value programmed by
Cypress. Attempting to program any zero in these byte locations will fail and set P_ERR.
The next 4 higher address bytes (OTP Lock Bytes) are used to provide one bit per OTP region to permanently protect each
region from programming. The bytes are erased when shipped from Cypress. After an OTP region is programmed, it can
be locked to prevent further programming, by programming the related protection bit in the OTP Lock Bytes.
The next higher 12 bytes of the lowest address region are Reserved for Future Use (RFU). The bits in these RFU bytes
may be programmed by the host system but it must be understood that a future device may use those bits for protection of
a larger OTP space. The bytes are erased when shipped from Cypress.
The remaining regions are erased when shipped from Cypress, and are available for programming of additional permanent data.
Refer to Figure 7.1, OTP Address Space on page 44 for a pictorial representation of the OTP memory space.
The OTP memory space is intended for increased system security. OTP values, such as the random number programmed by
Cypress, can be used to “mate” a flash component with the system CPU/ASIC to prevent device substitution.
The configuration register FREEZE (CR1V[0]) bit protects the entire OTP memory space from programming when set to “1”. This
allows trusted boot code to control programming of OTP regions then set the FREEZE bit to prevent further OTP memory space
programming during the remainder of normal power-on system operation.
Figure 7.1
OTP Address Space
32 Byte OTP Region 31
32 Byte OTP Region 30
32 Byte OTP Region 29
32 Byte OTP Region 3
32 Byte OTP Region 2
32 Byte OTP Region 1
32 Byte OTP Region 0
16 Byte Random Number
Lock Bits 31 to 0
Reserved
..
.
Region 0 Expanded View
When programmed to 0,
each lock bit protects its
related 32 byte OTP region
from any further program-
...
Byte 0h
Byte 10h
Byte 1Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com