Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70FS01GS Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 10Page - Cypress Semiconductor S70FS01GS Datasheet HTML 11Page - Cypress Semiconductor S70FS01GS Datasheet HTML 12Page - Cypress Semiconductor S70FS01GS Datasheet HTML 13Page - Cypress Semiconductor S70FS01GS Datasheet HTML 14Page - Cypress Semiconductor S70FS01GS Datasheet HTML 15Page - Cypress Semiconductor S70FS01GS Datasheet HTML 16Page - Cypress Semiconductor S70FS01GS Datasheet HTML 17Page - Cypress Semiconductor S70FS01GS Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 14 of 141
Figure 3.2
SPI DDR Modes Supported
3.2
Command Protocol
All communication between the host system and FS-S Family memory devices is in the form of units called commands.
All commands begin with an 8-bit instruction that selects the type of information transfer or device operation to be performed.
Commands may also have an address, instruction modifier, latency period, data transfer to the memory, or data transfer from the
memory. All instruction, address, and data information is transferred sequentially between the host system and memory device.
Command protocols are also classified by a numerical nomenclature using three numbers to reference the transfer width of three
command phases:
instruction
address and instruction modifier (continuous read mode bits). For the S70FS01GS, do not enable the Continuous Read
Mode, this will cause bus contention between the two 512 Mb die.
data
Single bit wide commands start with an instruction and may provide an address or data, all sent only on the SI signal. Data may be
sent back to the host serially on the SO signal. This is referenced as a 1-1-1 command protocol for single bit width instruction, single
bit width address and modifier, single bit data.
Dual or Quad Input / Output (I/O) commands provide an address sent from the host as bit pairs on IO0 and IO1 or, four bit (nibble)
groups on IO0, IO1, IO2, and IO3. Data is returned to the host similarly as bit pairs on IO0 and IO1 or, four bit (nibble) groups on IO0,
IO1, IO2, and IO3. This is referenced as 1-2-2 for Dual I/O and 1-4-4 for Quad I/O command protocols.
The FS-S Family also supports a QPI mode in which all information is transferred in 4-bit width, including the instruction, address,
modifier, and data. This is referenced as a 4-4-4 command protocol.
Commands are structured as follows:
Each command begins with CS# going low and ends with CS# returning high. The memory device is selected by the host
driving the Chip Select (CS#) signal low throughout a command.
The serial clock (SCK) marks the transfer of each bit or group of bits between the host and memory.
Each command begins with an eight bit (byte) instruction. The instruction selects the type of information transfer or device
operation to be performed. The instruction transfers occur on SCK rising edges. However, some read commands are
modified by a prior read command, such that the instruction is implied from the earlier command. This is called Continuous
Read Mode. For the S70FS01GS, do not enable the Continuous Read Mode, this will cause bus contention between the
two 512 Mb die.
The instruction may be stand alone or may be followed by address bits to select a location within one of several address
spaces in the device. The instruction determines the address space used. The address may be either a 24 bit or a 32 bit,
byte boundary, address. The address transfers occur on SCK rising edge, in SDR commands, or on every SCK edge, in
DDR commands.
CPOL=0_CPHA=0_SCLK
CPOL=1_CPHA=1_SCLK
CS#
Transfer_Phase
SI
SO
Inst. 7
Inst. 0
A31
A30
A0
M7
M6
M0
DLP7
DLP0
D0
D1
Dummy / DLP
Address
Mode
Instruction
Read Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com