Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70FS01GS Datasheet(PDF) 94 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 94 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 90Page - Cypress Semiconductor S70FS01GS Datasheet HTML 91Page - Cypress Semiconductor S70FS01GS Datasheet HTML 92Page - Cypress Semiconductor S70FS01GS Datasheet HTML 93Page - Cypress Semiconductor S70FS01GS Datasheet HTML 94Page - Cypress Semiconductor S70FS01GS Datasheet HTML 95Page - Cypress Semiconductor S70FS01GS Datasheet HTML 96Page - Cypress Semiconductor S70FS01GS Datasheet HTML 97Page - Cypress Semiconductor S70FS01GS Datasheet HTML 98Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 94 of 141
Figure 9.32
DDR Quad I/O Read Initial Access (4-Byte Address, EEh or EDh [CR2V[7]=1]) QPI Mode
Note:
1. Example DLP of 34h (or 00110100)
CS#
SCLK
IO0
IO1
IO2
IO3
Phase
4
0
28 24 20 16 12 8 4 0 4 0
7 6 5 4 3 2 1 0 4 0 4 0
5
1
29 25 21 17 13 9 5 1 5 1
7 6 5 4 3 2 1 0 5 1 5 1
6
2
30 26 22 18 14 10 6 2 6 2
7 6 5 4 3 2 1 0 6 2 6 2
7
3
31 27 23 19 15 11 7 3 7 3
7 6 5 4 3 2 1 0 7 3 7 3
Instruct.
Address
Mode
Dummy
DLP
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com