Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70FS01GS Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 28Page - Cypress Semiconductor S70FS01GS Datasheet HTML 29Page - Cypress Semiconductor S70FS01GS Datasheet HTML 30Page - Cypress Semiconductor S70FS01GS Datasheet HTML 31Page - Cypress Semiconductor S70FS01GS Datasheet HTML 32Page - Cypress Semiconductor S70FS01GS Datasheet HTML 33Page - Cypress Semiconductor S70FS01GS Datasheet HTML 34Page - Cypress Semiconductor S70FS01GS Datasheet HTML 35Page - Cypress Semiconductor S70FS01GS Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 32 of 141
Notes:
1. IO3 / RESET# Low is ignored during Power-up (tPU). If Reset# is asserted during the end of tPU, the device will remain in the reset state and tRH will determine when
CS# may go Low.
2. If Quad mode is enabled, IO3 / RESET# Low is ignored during tCS
3. Sum of tRP and tRH must be equal to or greater than tRPH.
Figure 5.7
Hardware Reset when Quad Mode is not enabled and IO3 / Reset# is Enabled
Figure 5.8
Hardware Reset when Quad Mode and IO3 / Reset# are Enabled
Table 5.3
Hardware Reset Parameters
Parameter
Description
Limit
Time
Unit
tRS
Reset Setup - Prior Reset end and RESET# high before RESET# low
Min
50
ns
tRPH
Reset Pulse Hold - RESET# low to CS# low
Min
35
µs
tRP
RESET# Pulse Width
Min
200
ns
tRH
Reset Hold - RESET# high before CS# low
Min
50
ns
IO3_RESET#
CS#
Any prior reset
tRS
tRP
tRH
tRH
tRPH
tRPH
IO3_RESET#
CS#
Reset Pulse
Prior access using IO3 for data
tRP
tRH
tRPH
tCS
tDIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com