Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70FS01GS Datasheet(PDF) 86 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 86 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 82Page - Cypress Semiconductor S70FS01GS Datasheet HTML 83Page - Cypress Semiconductor S70FS01GS Datasheet HTML 84Page - Cypress Semiconductor S70FS01GS Datasheet HTML 85Page - Cypress Semiconductor S70FS01GS Datasheet HTML 86Page - Cypress Semiconductor S70FS01GS Datasheet HTML 87Page - Cypress Semiconductor S70FS01GS Datasheet HTML 88Page - Cypress Semiconductor S70FS01GS Datasheet HTML 89Page - Cypress Semiconductor S70FS01GS Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 86 of 141
Status Register-1 may be repeatedly read (polled) to monitor the Write-In-Progress (WIP) bit (SR1V[0]) and the error bits
(SR1V[6,5]) to determine when the register write is completed or failed. If there is a write failure, the clear status command is used to
clear the error status and enable the device to return to standby state.
However, the PPBL register can not be written by the WRAR command. Only the PPB Lock Bit Write (PLBWR) command can write
the PPBL register.
The command sequence and behavior is the same as the PP or 4PP command with only a single byte of data provided. See
Section 9.5.2 Page Program (PP 02h or 4PP 12h) on page 95
The address map of the registers is the same as shown for Section 9.3.8 Read Any Register (RDAR 65h) on page 83
9.3.10
Set Burst Length (SBL C0h)
The Set Burst Length (SBL) command is used to configure the Burst Wrap feature. Burst Wrap is used in conjunction with Quad I/O
Read and DDR Quad I/O Read, in legacy SPI or QPI mode, to access a fixed length and alignment of data. Certain applications can
benefit from this feature by improving the overall system code execution performance. The Burst Wrap feature allows applications
that use cache, to start filling a cache line with instruction or data from a critical address first, then fill the remainder of the cache line
afterwards within a fixed length (8/16/32/64-bytes) of data, without issuing multiple read commands.
The Set Burst Length (SBL) command writes the CR4V register bits 4, 1, and 0 to enable or disable the wrapped read feature and
set the wrap boundary. Other bits of the CR4V register are not affected by the SBL command. When enabled the wrapped read
feature changes the related read commands from sequentially reading until the command ends, to reading sequentially wrapped
within a group of bytes.
When CR4V[4]=1, the wrap mode is not enabled and unlimited length sequential read is performed.
When CR4V[4]=0, the wrap mode is enabled and a fixed length and aligned group of 8, 16, 32, or 64 bytes is read starting at the
byte address provided by the read command and wrapping around at the group alignment boundary.
The group of bytes is of length and aligned on an 8, 16, 32, or 64 byte boundary. CR4V[1:0] selects the boundary. See
Section 7.7.6.2 Configuration Register 4 Volatile (CR4V) on page 58.
The starting address of the read command selects the group of bytes and the first data returned is the addressed byte. Bytes are
then read sequentially until the end of the group boundary is reached. If the read continues the address wraps to the beginning of the
group and continues to read sequentially. This wrapped read sequence continues until the command is ended by CS# returning
high.
The power-on reset, hardware reset, or software reset default burst length can be changed by programming CR4NV with the desired
value using the WRAR command.
Table 9.3
Example Burst Wrap Sequences
SBL Data
Value (Hex)
Wrap Boundary
(Bytes)
Start Address
(Hex)
Address Sequence (Hex)
1X
Sequential
XXXXXX03
03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, 10, 11, 12, 13, 14, 15, 16, 17, 18, ...
00
8
XXXXXX00
00, 01, 02, 03, 04, 05, 06, 07, 00, 01, 02, ...
00
8
XXXXXX07
07, 00, 01, 02, 03, 04, 05, 06, 07, 00, 01, ...
01
16
XXXXXX02
02, 03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, 00, 01, 02, 03, ...
01
16
XXXXXX0C
0C, 0D, 0E, 0F, 00, 01, 02, 03, 02, 03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, ...
02
32
XXXXXX0A
0A, 0B, 0C, 0D, 0E, 0F, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 1A, 1B, 1C, 1D, 1E, 1F, 00, 01, 02, 03, 04, 05,
06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, ...
02
32
XXXXXX1E
1E, 1F, 00, 01, 02, 03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 1A,
1B, 1C, 1D, 1E, 1F, 00, ...
03
64
XXXXXX03
03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 1A, 1B, 1C, 1D, 1E,
1F, 20, 21, 22, 23, 24, 25, 26, 27, 28, 29, 2A, 2B, 2C, 2D, 2E, 2F, 30, 31, 32, 33, 34, 35, 36, 37, 38, 39, 3A, 3B,
3C, 3D, 3E, 3F 00, 01, 02, ...
03
64
XXXXXX2E
2E, 2F, 30, 31, 32, 33, 34, 35, 36, 37, 38, 39, 3A, 3B, 3C, 3D, 3E, 3F, 00, 01, 02, 03, 04, 05, 06, 07, 08, 09, 0A,
0B, 0C, 0D, 0E, 0F, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 1A, 1B, 1C, 1D, 1E, 1F, 20, 21, 22, 23, 24, 25, 26,
27, 28, 29, 2A, 2B, 2C, 2D, , ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com