Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70FS01GS Datasheet(PDF) 73 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 73 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 69Page - Cypress Semiconductor S70FS01GS Datasheet HTML 70Page - Cypress Semiconductor S70FS01GS Datasheet HTML 71Page - Cypress Semiconductor S70FS01GS Datasheet HTML 72Page - Cypress Semiconductor S70FS01GS Datasheet HTML 73Page - Cypress Semiconductor S70FS01GS Datasheet HTML 74Page - Cypress Semiconductor S70FS01GS Datasheet HTML 75Page - Cypress Semiconductor S70FS01GS Datasheet HTML 76Page - Cypress Semiconductor S70FS01GS Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 73 of 141
9.1.2
FS01GS DDP
The FS01GS contains two FS512S devices stacked in a Dual Die Package (DDP). Both devices are selected to decode each
command instruction and address when the CS# signal, shared by both devices, goes low. One FS512S device is modified to
respond to commands that have an address selecting the lower 512 Mbits of the total 1 Gbit (128 Mbyte) address space. The other
FS512S device is modified to respond to commands with addresses selecting the upper 512 Mbits of the address space. Some
commands, without an address, are executed only by the lower address FS512S; some are executed by both devices in parallel.
Both the lower and upper address FS512S devices must be configured, by writing to the various status and configuration registers in
each device, to define the overall sector map and behavior of both devices for the entire 1 Gbit space selected by the single CS# for
the DDP. However, several of the legacy SPI commands for register reading, writing or other operations do not have an explicit
address in the command. For this reason, several of the legacy SPI commands are not supported by the FS01GS and alternate
commands that include an address must be used to route the command to the lower or upper FS512S.
The following commands are not supported in the FS01GS:
WRR (01h)
RDCR (35h)
RDSR1 (05h)
RDSR2 (07h)
PNVDLR (43h)
ASPP (2Fh)
PASSP (E8h)
PPBE (E4h)
EPS (B0h)
EPR (30h)
The RDAR (65h) and WRAR (71h) commands must be used for reading and writing the registers so that the command address
directs the operation to the lower or upper FS512S device in the DDP. New commands with a 4 byte address are added for Bulk
Erase Addressed (BEA, FEh) and PPB Erase Addressed (PPBEA, EAh) to direct the operation to the lower or upper FS512S
device.
A complete discussion of FS01GS behavior and software modifications is provided in Section 12.4 FS01GS Behavior and Software
Modifications on page 134
Command Name
Function
Instruction (Hex)
READ
Read
03
FAST_READ
Read Fast
0B
DIOR
Dual I/O Read
BB
QIOR
Quad I/O Read
EB
DDRQIOR
DDR Quad I/O Read)
ED
PP
Page Program
02
P4E
Parameter 4 KB Erase
20
SE
Erase 256 KB
D8
RDAR
Read Any Register
65
WRAR
Write Any Register
71
EES
Evaluate Erase Status
D0
OTPP
OTP Program
42
OTPR
OTP Read
4B
ECCRD
ECC Status Read
19
DYBRD
DYB Read
FA
DYBWR
DYBWR
FB
PPBRD
PPB Read
FC
PPBP
PPB Program
FD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com