Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70FS01GS Datasheet(PDF) 42 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 42 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 38Page - Cypress Semiconductor S70FS01GS Datasheet HTML 39Page - Cypress Semiconductor S70FS01GS Datasheet HTML 40Page - Cypress Semiconductor S70FS01GS Datasheet HTML 41Page - Cypress Semiconductor S70FS01GS Datasheet HTML 42Page - Cypress Semiconductor S70FS01GS Datasheet HTML 43Page - Cypress Semiconductor S70FS01GS Datasheet HTML 44Page - Cypress Semiconductor S70FS01GS Datasheet HTML 45Page - Cypress Semiconductor S70FS01GS Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 42 of 141
Software Interface
This section discusses the features and behaviors most relevant to host system software that interacts with FS-S Family memory
devices.
7.
Address Space Maps
7.1
Overview
7.1.1
Extended Address
The FS-S Family supports 32 bit (4 Byte) addresses to enable higher density devices than allowed by previous generation (legacy)
SPI devices that supported only 24 bit (3 Byte) addresses. A 24 bit, byte resolution, address can access only 16 MBytes (128 Mbits)
maximum density. A 32 bit, byte resolution, address allows direct addressing of up to a 4 GBytes (32 Gbits) address space.
Legacy commands continue to support 24 bit addresses for backward software compatibility. Extended 32 bit addresses are
enabled in two ways:
Extended address mode — a volatile configuration register bit that changes all legacy commands to expect 32 bits of
address supplied from the host system.
4 Byte address commands — that perform both legacy and new functions, which always expect 32 bit address.
The default condition for extended address mode, after power-up or reset, is controlled by a non-volatile configuration bit. The
default extended address mode may be set for 24 or 32 bit addresses. This enables legacy software compatible access to the first
128 Mbits of a device or for the device to start directly in 32 bit address mode.
7.1.2
Multiple Address Spaces
Many commands operate on the main Flash memory array. Some commands operate on address spaces separate from the main
Flash array. Each separate address space uses the full 24 or 32 bit address but may only define a small portion of the available
address space.
7.2
Flash Memory Array
The main Flash array is divided into erase units called physical sectors of 256 KBytes. The FS01GS contains two FS512S devices
stacked in a DDP. Both the lower and upper address FS512S devices must be configured to define the overall sector map of the
entire 1 Gbit (128 Mbyte) space selected by the CS# for the DDP. The lower address FS512S may be configured for bottom
parameter sectors or uniform sectors. The upper address FS512S may be configured for top parameters or uniform sectors. When
the lower address FS512S is configured for bottom parameter sectors the upper address FS512S must be configured as uniform
sectors. When the upper address FS512S is configured for top parameter sectors the lower address FS512S must be configured as
uniform sectors. In this way, the overall address space of the DDP may have bottom, or top parameter sectors, or uniform sectors.
No other configurations are supported.
Table 7.1
S70FS01GS Sector Address Map, Bottom 4 KB Sectors
Sector Size (KByte)
Sector Count
Sector Range
Address Range (Byte
Address)
Notes
4
8
SA00
00000000h-00000FFFh
Sector Starting Address
—
Sector Ending Address
:
:
SA7
00007000h-00007FFFh
224
1
SA8
00008000h-0003FFFFh
256
511
SA9
00040000h-0007FFFFh
:
:
SA519
07FC0000h-07FFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com