Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70FS01GS Datasheet(PDF) 74 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 74 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 70Page - Cypress Semiconductor S70FS01GS Datasheet HTML 71Page - Cypress Semiconductor S70FS01GS Datasheet HTML 72Page - Cypress Semiconductor S70FS01GS Datasheet HTML 73Page - Cypress Semiconductor S70FS01GS Datasheet HTML 74Page - Cypress Semiconductor S70FS01GS Datasheet HTML 75Page - Cypress Semiconductor S70FS01GS Datasheet HTML 76Page - Cypress Semiconductor S70FS01GS Datasheet HTML 77Page - Cypress Semiconductor S70FS01GS Datasheet HTML 78Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 74 of 141
9.1.3
Command Summary by Function
Table 9.1
FS-S Family Command Set (sorted by function)
Function
Command Name
Command Description
instruction
Value (Hex)
Maximum
Frequency
(MHz)
Address
Length
(Bytes)
QPI
Read Device
ID
RDID
Read ID (JEDEC Manufacturer ID and JEDEC CFI)
9F
133
0
Yes
RSFDP
Read JEDEC Serial Flash Discoverable Parameters
5A
50
3
Yes
RDQID
Read Quad ID
AF
133
0
Yes
Register
Access
RDAR
Read Any Register
65
133
3 or 4
Yes
WRDI
Write Disable
04
133
0
Yes
WREN
Write Enable
06
133
0
Yes
WRAR
Write Any Register
71
133
3 or 4
Yes
CLSR
Clear Status Register-1 - Erase/Program Fail Reset
This command may be disabled and the instruction value instead used
for a program / erase resume command - see Section 7.7.5
Configuration Register 3 on page 55
30
133
0
Yes
CLSR
Clear Status Register-1(Alternate instruction) - Erase/Program Fail
Reset
82
133
0
Yes
4BAM
Enter 4 Byte Address Mode
B7
133
0
No
SBL
Set Burst Length
C0
133
0
No
EES
Evaluate Erase Status
D0
133
3 or 4
Yes
ECCRD
ECC Read
19
133
3 or 4
Yes
4ECCRD
ECC Read
18
133
4
Yes
DLPRD
Data Learning Pattern Read
41
133
0
No
WVDLR
Write Volatile Data Learning Register
4A
133
0
No
Read Flash
Array
READ
Read
03
50
3 or 4
No
4READ
Read
13
50
4
No
FAST_READ
Fast Read
0B
133
3 or 4
No
4FAST_READ
Fast Read
0C
133
4
No
DIOR
Dual I/O Read
BB
80
3 or 4
No
4DIOR
Dual I/O Read
BC
80
4
No
QIOR
Quad I/O Read
EB
133
3 or 4
Yes
4QIOR
Quad I/O Read
EC
133
4
Yes
DDRQIOR
DDR Quad I/O Read
ED
80
3 or 4
Yes
4DDRQIOR
DDR Quad I/O Read
EE
80
4
Yes
Program
Flash Array
PP
Page Program
02
133
3 or 4
Yes
4PP
Page Program
12
133
4
Yes
Erase Flash
Array
P4E
Parameter 4KB-sector Erase
20
133
3 or 4
Yes
4P4E
Parameter 4KB-sector Erase
21
133
4
Yes
SE
Erase 256KB
D8
133
3 or 4
Yes
4SE
Erase 256KB
DC
133
4
Yes
BE
Bulk Erase
60
133
0
Yes
BE
Bulk Erase (alternate instruction)
C7
133
0
Yes
BEA
Bulk Erase Addressed
FE
133
4
Yes
Erase /
Program
Suspend /
Resume
EPS
Erase Suspend
75
133
0
Yes
EPS
Program Suspend
85
133
0
Yes
EPR
Erase Resume
7A
133
0
Yes
EPR
Program Resume
8A
133
0
Yes
One Time
Program
Array
OTPP
OTP Program
42
133
3 or 4
No
OTPR
OTP Read
4B
133
3 or 4
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com