Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70FS01GS Datasheet(PDF) 92 Page - Cypress Semiconductor

Part # S70FS01GS
Description  1-Gbit (128 MByte), 1.8 V FS-S Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FS01GS Datasheet(HTML) 92 Page - Cypress Semiconductor

Back Button S70FS01GS Datasheet HTML 88Page - Cypress Semiconductor S70FS01GS Datasheet HTML 89Page - Cypress Semiconductor S70FS01GS Datasheet HTML 90Page - Cypress Semiconductor S70FS01GS Datasheet HTML 91Page - Cypress Semiconductor S70FS01GS Datasheet HTML 92Page - Cypress Semiconductor S70FS01GS Datasheet HTML 93Page - Cypress Semiconductor S70FS01GS Datasheet HTML 94Page - Cypress Semiconductor S70FS01GS Datasheet HTML 95Page - Cypress Semiconductor S70FS01GS Datasheet HTML 96Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 141 page
background image
S70FS01GS
Document Number: 002-03833 Rev. *C
Page 92 of 141
Figure 9.28
Quad I/O Read Command Sequence (4-Byte Address, ECh or EBh [CR2V[7]=1])
Figure 9.29
Quad I/O Read Command Seq. (4-Byte Address, ECh or EBh [CR2V[7]=1]) QPI Mode
9.4.5
DDR Quad I/O Read (EDh, EEh)
The DDR Quad I/O Read command improves throughput with four I/O signals - IO0-IO3. It is similar to the Quad I/O Read command
but allows input of the address four bits on every edge of the clock. In some applications, the reduced instruction overhead might
allow for code execution (XIP) directly from FS-S Family devices. The QUAD bit of the Configuration Register must be set
(CR1V[1]=1) to enable the Quad capability.
The instruction
EDh (CR2V[7]=0) is followed by a 3-byte address (A23-A0) or
EDh (CR2V[7]=1) is followed by a 4-byte address (A31-A0) or
EEh is followed by a 4-byte address (A31-A0)
The address is followed by mode bits. Then the memory contents, at the address given, is shifted out, in a DDR fashion, with four
bits at a time on each clock edge through IO0-IO3.
The maximum operating clock frequency for DDR Quad I/O Read command is 80 MHz.
For DDR Quad I/O Read, there is a latency required after the last address and mode bits are shifted into the IO0-IO3 signals before
data begins shifting out of IO0-IO3. This latency period (dummy cycles) allows the device’s internal circuitry enough time to access
the initial address. During these latency cycles, the data value on IO0-IO3 are “don’t care” and may be high impedance. When the
Data Learning Pattern (DLP) is enabled the host system must not drive the IO signals during the dummy cycles. The IO signals must
be left high impedance by the host so that the memory device can drive the DLP during the dummy cycles.
The number of dummy cycles is determined by the frequency of SCK. The latency is configured in CR2V[3:0].
For the S70FS01GS, do not enable the Continuous Read Mode, this will cause bus contention between the two 512Mb die. The
upper nibble (IO[7:4]) and lower nibble (IO[3:0]) of the Mode bits must not be complementary (i.e. 5h and Ah); this keeps the device
in the standard DDR Quad I/O read mode.
The address can start at any byte location of the memory array. The address is automatically incremented to the next higher address
in sequential order after each byte of data is shifted out. The entire memory can therefore be read out with one single read
instruction and address 000000h provided. When the highest address is reached, the address counter will wrap around and roll back
to 000000h, allowing the read sequence to be continued indefinitely.
CS#
SCK
IO0
IO1
IO2
IO3
Phase
7
6
5
4
3
2
1
0 28
4
0
4
0
4
0
4
0
4
0
4
0
29
5
1
5
1
5
1
5
1
5
1
5
1
30
6
2
6
0
6
2
6
2
6
2
6
2
31
7
3
7
1
7
3
7
3
7
3
7
3
Instruction
Address Mode
Dummy
D1
D2
D3
D4
CS#
SCLK
IO0
IO1
IO2
IO3
Phase
4
0
28
4
0
4
4
0
4
0
4
0
4
0
5
1
29
5
1
5
5
1
5
1
5
1
5
1
6
2
30
6
2
6
6
2
6
2
6
2
6
2
7
3
31
7
3
7
7
3
7
3
7
3
7
3
Instruct.
Address
Mode
Dummy
D1
D2
D3
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com