Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 121 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 121 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 117Page - National Semiconductor (TI) CS5530A Datasheet HTML 118Page - National Semiconductor (TI) CS5530A Datasheet HTML 119Page - National Semiconductor (TI) CS5530A Datasheet HTML 120Page - National Semiconductor (TI) CS5530A Datasheet HTML 121Page - National Semiconductor (TI) CS5530A Datasheet HTML 122Page - National Semiconductor (TI) CS5530A Datasheet HTML 123Page - National Semiconductor (TI) CS5530A Datasheet HTML 124Page - National Semiconductor (TI) CS5530A Datasheet HTML 125Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 259 page
background image
Revision 1.1
121
www.national.com
Functional Description (Continued)
5)
The bus master transfers data to/from memory
responding to bus master requests from the AC97
interface. At the completion of each PRD, the bus mas-
ter’s next response depends on the settings of the
flags in the PRD.
Example - At the completion of PRD_1 an SMI is gen-
erated because the EOP bit is set while the bus mas-
ter continues on to PRD_2. The address in the PRD
Table Address Register is incremented by 08h and is
now pointing to PRD_3. The SMI Status Register is
read to clear the End of Page status flag. Since Audio
Buffer_1 is now empty, the software can refill it.
At the completion of PRD_2 an SMI is generated
because the EOP bit is set. The bus master then con-
tinues on to PRD_3. The address in the PRD Table
Address Register is incremented by 08h. The DMA
SMI Status Register is read to clear the End of Page
status flag. Since Audio Buffer_2 is now empty, the
software can refill it. Audio Buffer_1 has been refilled
from the previous SMI.
PRD_3 has the JMP bit set. This means the bus mas-
ter uses the address stored in PRD_3 (Address_3) to
locate the next PRD. It does not use the address in the
PRD Table Address Register to get the next PRD.
Since Address_3 is the location of PRD_1, the bus
master has looped the PRD table.
Stopping the bus master can be accomplished by not
reading the SMI Status Register End of Page status
flag. This leads to a second EOP which causes a Bus
Master Error and pauses the bus master. In effect,
once a bus master has been enabled it never needs to
be disabled, just paused. The bus master cannot be
disabled unless the bus master has been paused or
has reached an EOT.
3.7.1.5
AC97 Codec Interface
The CS5530A provides an AC97 Specification Revision
1.3, 2.0, and 2.1 compatible interface. Any AC97 codec
which supports sample rate conversion (SRC) can be used
with the CS5530A. This type of codec allows for a design
which meets the requirements for PC97 and PC98-compli-
ant audio as defined by Microsoft Corporation.
The AC97 codec (e.g., National’s LM4548) is the master of
the serial interface and generates the clocks to CS5530A,
Figure 3-21 shows the codec and CS5530A signal connec-
tions. For specifications on the serial interface, refer to the
appropriate codec manufacturer’s data sheet.
For PC speaker synthesis, the CS5530A outputs the PC
speaker signal on the PC_BEEP pin which is connected to
the PC_BEEP input of the AC97 codec.
Figure 3-21. AC97 Signal Connections
Codec Configuration/Control Registers
The codec related registers consist of four 32-bit registers:
• Codec GPIO Status Register
• Codec GPIO Control Register
• CodecStatusRegister
• Codec Command Register
Codec GPIO Status and Control Registers (F3BAR+
Memory Offset 00h and 04h)
The Codec GPIO Status and Control Registers are used
for codec GPIO related tasks such as enabling a codec
GPIO interrupttocauseanSMI.
Codec Status Register (F3BAR+Memory Offset 08h)
The Codec Status Register stores the codec status word. It
updates every valid Status Word slot.
Codec Control Register (F3BAR+Memory Offset 0Ch)
The Codec Control Register writes the control word to the
codec. By writing the appropriate control words to this port,
the features of the codec can be controlled. The contents
of this register are written to the codec during the Control
Word slot.
Thebit formats for theseregisters aregiven in Table3-66.
BITCLK
PC_BEEP
SDAT_I
SDAT_O
PC_BEEP
SDATA_IN
SDATA_OUT
AC97
BIT_CLK
24.576MHz
SYNC
SYNC
External Source
Codec
Geode™
CS5530A I/O
Companion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com