Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 125 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 125 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 121Page - National Semiconductor (TI) CS5530A Datasheet HTML 122Page - National Semiconductor (TI) CS5530A Datasheet HTML 123Page - National Semiconductor (TI) CS5530A Datasheet HTML 124Page - National Semiconductor (TI) CS5530A Datasheet HTML 125Page - National Semiconductor (TI) CS5530A Datasheet HTML 126Page - National Semiconductor (TI) CS5530A Datasheet HTML 127Page - National Semiconductor (TI) CS5530A Datasheet HTML 128Page - National Semiconductor (TI) CS5530A Datasheet HTML 129Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 259 page
background image
Revision 1.1
125
www.national.com
Functional Description (Continued)
Table 3-67. Second Level SMI Status Reporting Registers
Bit
Description
F3BAR+Memory Offset 10h-11h
Second Level Audio SMI Status Register (RC)
Reset Value = 0000h
15:8
Reserved: Set to 0.
7
Audio Bus Master 5 SMI Status (Read to Clear): SMI was caused by an event occurring on Audio Bus Master 5?
0= No; 1 =Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[1].
SMI generation is enabled when Audio Bus Master 5 is enabled (F3BAR+Memory Offset 48h[0] = 1). An SMI is then
generated when the End of Page bit is set in the SMI Status Register (F3BAR+Memory Offset 49h[0] = 1).
6
Audio Bus Master 4 SMI Status (Read to Clear): SMI was caused by an event occurring on Audio Bus Master 4?
0= No; 1 =Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[1].
SMI generation is enabled when Audio Bus Master 4 is enabled (F3BAR+Memory Offset 40h[0] = 1). An SMI is then
generated when the End of Page bit is set in the SMI Status Register (F3BAR+Memory Offset 41h[0] = 1).
5
Audio Bus Master 3 SMI Status (Read to Clear): SMI was caused by an event occurring on Audio Bus Master 3?
0= No; 1 =Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[1].
SMI generation is enabled when Audio Bus Master 3 is enabled (F3BAR+Memory Offset 38h[0] = 1). An SMI is then
generated when the End of Page bit is set in the SMI Status Register (F3BAR+Memory Offset 39h[0] = 1).
4
Audio Bus Master 2 SMI Status (Read to Clear): SMI was caused by an event occurring on Audio Bus Master 2?
0= No; 1 =Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[1].
SMI generation is enabled when Audio Bus Master 2 is enabled (F3BAR+Memory Offset 30h[0] = 1). An SMI is then
generated when the End of Page bit is set in the SMI Status Register (F3BAR+Memory Offset 31h[0] = 1).
3
Audio Bus Master 1 SMI Status (Read to Clear): SMI was caused by an event occurring on Audio Bus Master 1?
0= No; 1 =Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[1].
SMI generation is enabled when Audio Bus Master 1 is enabled (F3BAR+Memory Offset 28h[0] = 1). An SMI is then
generated when the End of Page bit is set in the SMI Status Register (F3BAR+Memory Offset 29h[0] = 1).
2
Audio Bus Master 0 SMI Status (Read to Clear): SMI was caused by an event occurring on Audio Bus Master 0?
0= No; 1 =Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[1].
SMI generation is enabled when Audio Bus Master 0 is enabled (F3BAR+Memory Offset 20h[0] = 1). An SMI is then
generated when the End of Page bit is set in the SMI Status Register (F3BAR+Memory Offset 21h[0] = 1).
1
Codec Serial or GPIO Interrupt SMI Status (Read to Clear): SMI was caused by a serial or GPIO interrupt from codec?
0= No; 1 =Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[1].
SMI generation enabling for codec serial interrupt: F3BAR+Memory Offset 08h[23] = 1.
SMI generation enabling for codec GPIO interrupt: F3BAR+Memory Offset 00h[30] = 1.
0
I/O Trap SMI Status (Read to Clear): SMI was caused by an I/O trap? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The next level (third level) of SMI status reporting is at F3BAR+Memory
Offset 14h. The top level is reported at F1BAR+Memory Offset 00h/02h[1].
Note: Reading this register clears the status bits. Note that bit 0 has another level (third) of SMI status reporting.
A read-only “Mirror” version of this register exists at F3BAR+Memory Offset 12h. If the value of the register must be read without
clearing the SMI source (and consequently deasserting SMI), the Mirror register may be read instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com