Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 129 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 129 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 125Page - National Semiconductor (TI) CS5530A Datasheet HTML 126Page - National Semiconductor (TI) CS5530A Datasheet HTML 127Page - National Semiconductor (TI) CS5530A Datasheet HTML 128Page - National Semiconductor (TI) CS5530A Datasheet HTML 129Page - National Semiconductor (TI) CS5530A Datasheet HTML 130Page - National Semiconductor (TI) CS5530A Datasheet HTML 131Page - National Semiconductor (TI) CS5530A Datasheet HTML 132Page - National Semiconductor (TI) CS5530A Datasheet HTML 133Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 259 page
background image
Revision 1.1
129
www.national.com
Functional Description (Continued)
3.7.2.3
IRQ Configuration Registers
The CS5530A provides the ability to set and clear IRQs
internally through software control. If the IRQs are config-
ured for software control, they will not respond to external
hardware. There are three registers provided for this fea-
ture:
• Internal IRQ Enable Register
• Internal IRQ Mask Register
• Internal IRQ Control Register
Internal IRQ Enable Register
This register configures the IRQs as internal (software)
interrupts or external (hardware) interrupts. Any IRQ used
as an internal software driven source must be configured
as internal.
Internal IRQ Mask Register
Each bit in the Mask register individually disables the cor-
responding bit in the Control Register.
Internal IRQ Control Register
This register allows individual software assertion/deasser-
tion of the IRQs that are enabled as internal and
unmasked.
Thebit formats for theseregisters aregiven in Table3-70.
Table 3-70. IRQ Configuration Registers
Bit
Description
F3BAR+Memory Offset 1Ah-1Bh
Internal IRQ Enable Register (R/W)
Reset Value = 0000h
15
IRQ15 Internal: Configure IRQ15 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
14
IRQ14 Internal: Configure IRQ14 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
13
Reserved: Set to 0.
12
IRQ12 Internal: Configure IRQ12 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
11
IRQ11 Internal: Configure IRQ11 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
10
IRQ10 Internal: Configure IRQ10 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
9
IRQ9 Internal: Configure IRQ9 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
8
Reserved: Set to 0.
7
IRQ7 Internal: Configure IRQ7 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
6
Reserved: Set to 0.
5
IRQ5 Internal: Configure IRQ5 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
4
IRQ4 Internal: Configure IRQ4 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
3
IRQ3 Internal: Configure IRQ3 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
2:0
Reserved: Set to 0.
Note: Must be read and written as a WORD.
F3BAR+Memory Offset 1Ch-1Dh
Internal IRQ Control Register (R/W)
Reset Value = 0000h
15
Assert Masked Internal IRQ15: 0 = Disable; 1 = Enable.
14
Assert Masked Internal IRQ14: 0 = Disable; 1 = Enable.
13
Reserved: Set to 0.
12
Assert Masked Internal IRQ12: 0 = Disable; 1 = Enable.
11
Assert masked internal IRQ11: 0 = Disable; 1 = Enable.
10
Assert Masked Internal IRQ10: 0 = Disable; 1 = Enable.
9
Assert Masked Internal IRQ9: 0 = Disable; 1 = Enable.
8
Reserved: Set to 0.
7
Assert Masked Internal IRQ7: 0 = Disable; 1 = Enable.
6
Reserved: Set to 0.
5
Assert Masked Internal IRQ5: 0 = Disable; 1 = Enable.
4
Assert Masked Internal IRQ4: 0 = Disable; 1 = Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com