Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 135 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 135 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 131Page - National Semiconductor (TI) CS5530A Datasheet HTML 132Page - National Semiconductor (TI) CS5530A Datasheet HTML 133Page - National Semiconductor (TI) CS5530A Datasheet HTML 134Page - National Semiconductor (TI) CS5530A Datasheet HTML 135Page - National Semiconductor (TI) CS5530A Datasheet HTML 136Page - National Semiconductor (TI) CS5530A Datasheet HTML 137Page - National Semiconductor (TI) CS5530A Datasheet HTML 138Page - National Semiconductor (TI) CS5530A Datasheet HTML 139Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 259 page
background image
Revision 1.1
135
www.national.com
Functional Description (Continued)
3.8.3
Video Overlay
The video data from the color-space converter is then
mixed with the graphics data based upon the video window
position. The video window position is programmable via
the Video X and Y Position Registers (F4BAR+Memory
Offset 08h and 0Ch). A color-keying mechanism is
employed to compare either the source (video) or destina-
tion (graphics) color to the color key programmed via the
Video Color Key Register (FBAR+Offset 14h) and to select
the appropriate pixel for display within the video window.
The range of the color key is programmable by setting the
appropriate bits in the Video Color Mask Register
(F4BAR+Memory Offset 18h). This mechanism greatly
reduces the software overhead for computing visible pixels,
and ensures that the video display window may be partially
occluded by overlapping graphics data. Tables 3-74 and 3-
75 show the bit formats for these registers
The CS5530A accepts graphics data over the PIXEL[23:0]
interface from the GX-series processor at the screen DOT
clock rate. The CS5530A is capable of displaying graphics
resolutions up to 1600x1200 at color depths up to 24 bits
per pixel (bpp) while simultaneously overlaying a video win-
dow. However, system maximum resolution is not deter-
mined by the CS5530A since it is not the source of the
graphics data and timings.
Table 3-74. Video X and Y Position Registers
Bit
Description
F4BAR+Memory Offset 08h-0Bh
Video X Register (R/W)
Reset Value = xxxxxxxxh
31:27
Reserved: Set to 0.
26:16
VideoXEndPosition: This field represents the horizontal end position of the video window according to the following
formula. Position programmed = screen position + (H_TOTAL – H_SYNC_END) – 13.
15:11
Reserved: Set to 0.
10:0
Video X Start Position: This field represents the horizontal start position of the video window according to the following
formula. Position programmed = screen position + (H_TOTAL – H_SYNC_END) – 13.
F4BAR+Memory Offset 0Ch-0Fh
Video Y Register (R/W)
Reset Value = xxxxxxxxh
31:27
Reserved: Set to 0.
26:16
VideoY EndPosition: This field represents the vertical end position of the video window according to the following formula.
Position programmed = screen position + (V_TOTAL – V_SYNC_END) + 1.
15:11
Reserved: Set to 0.
10:0
Video Y Start Position: This field represents the vertical start position of the video window according to the following
formula. Position programmed = screen position + (V_TOTAL – V_SYNC_END) + 1.
Table 3-75. Video Color Registers
Bit
Description
F4BAR+Memory Offset 14h-17h
Video Color Key Register (R/W)
Reset Value = xxxxxxxxh
31:24
Reserved: Set to 0.
23:0
Video Color Key: This field represents the video color key. It is a 24-bit RGB value. The graphics or video data being
compared may be masked prior to the compare by programming the Video Color Mask Register (F4BAR+Memory Offset
18h) appropriately.
F4BAR+Memory Offset 18h-1Bh
Video Color Mask Register (R/W)
Reset Value = xxxxxxxxh
31:24
Reserved: Set to 0.
23:0
Video Color Mask: This field represents the video color mask. It is a 24-bit RGB value. Zeroes in the mask cause the
corresponding bits in the graphics or video stream being compared to be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com