Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 133Page - National Semiconductor (TI) CS5530A Datasheet HTML 134Page - National Semiconductor (TI) CS5530A Datasheet HTML 135Page - National Semiconductor (TI) CS5530A Datasheet HTML 136Page - National Semiconductor (TI) CS5530A Datasheet HTML 137Page - National Semiconductor (TI) CS5530A Datasheet HTML 138Page - National Semiconductor (TI) CS5530A Datasheet HTML 139Page - National Semiconductor (TI) CS5530A Datasheet HTML 140Page - National Semiconductor (TI) CS5530A Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 259 page
background image
Revision 1.1
137
www.national.com
Functional Description (Continued)
3.8.5
Display Interface
The CS5530A interfaces directly to a variety of display
devices including conventional analog CRT displays, TFT
flat panels, the National’s Geode CS9211 graphics com-
panion (a flat panel display controller), or optionally to digi-
tal NTSC/PAL encoder devices.
3.8.5.1
Video DACs
The CS5530A incorporates three 8-bit video Digital-to-Ana-
log Converters (DACs) for interfacing directly to CRT dis-
plays. The video DACs meet the VESA specification and
are capable of operation up to 157.5 MHz for supporting up
to 1280x1024 display at a 85 Hz refresh rate and are VESA
compliant.
3.8.5.2
VESA DDC2B / DPMS
The CS5530A supports the VESA DDC2B and DPMS
standards for enhanced monitor communications and
power management support.
3.8.5.3
Flat Panel Support
The CS5530A also interfaces directly to industry standard
18-bit Active Matrix Thin-Film-Transistor (TFT) flat panels.
The CS5530A includes 24-bit to 18-bit dithering logic to
increase the apparent number of colors displayed on 18-bit
flat panels.
In addition, the CS5530A incorporates power sequencing
logic to simplify the design of a portable system.
The flat panel port of the CS5530A may optionally drive the
CS9211 graphics companion device for color dual-scan
display (DSTN) support. If flat panel support is not
required, the flat panel output port may be used to supply
digital video data to one of several types of NTSC/PAL
encoder devices on the market.
Flat Panel Power-Up/Down Sequence
When the Flat Panel Power Enable bit (F4BAR+Memory
Offset 04h[6]) transitions from a 0 to 1, the FP_ENA_VDD
signal is enabled. This is followed by the data bus (includ-
ing syncs and ENA_DISP). Finally, FP_ENA_BKL is
enabled. The time between each of these successive
stages is set by the value of the Power Sequence Delay
bits (F4BAR+Memory Offset 04h[19:17]). The value in
these bits refer to the number of graphics frames that will
elapse between each successive enabling of the TFT sig-
nals. For example, if the Power Sequence Delay is set to
3h (011b), then three frame times will elapse between the
time when FP_ENA_VDD is transitioned and the data bus
is transitioned. Likewise, three frame times will elapse
between
the
data
bus
getting
enabled
and
the
FP_ENA_BKL is transitioned. If the panel is being
refreshed at 100 Hz, each frame lasts 1 ms. So, if the
Power Sequence Delay is set to 3, 3 ms will elapse
between transitions. When powering off the panel, the sig-
nals are transitioned in the opposite order (FP_ENA_BKL,
data
bus,
FP_ENA_VDD)
using
the
same
Power
Sequence Delay in the power-down sequence.
3
DAC Blank Enable: This bit enables the blank to the video DACs.
0 = DACs are constantly blanked; 1 = DACs are blanked normally.
2
CRT Vertical Sync Enable: Enables the CRT vertical sync. Used for VESA DPMS support. 0 = Disable; 1 = Enable.
1
CRT Horizontal Sync Enable: Enables the CRT horizontal sync. Used for VESA DPMS support.
0 = Disable; 1 = Enable.
0
Display Enable: Enables the graphics display pipeline. It is used as a reset for the display control logic.
0 = Reset display control logic; 1 = Enable display control logic.
Table 3-76. Display Configuration Register (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com