Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 132Page - National Semiconductor (TI) CS5530A Datasheet HTML 133Page - National Semiconductor (TI) CS5530A Datasheet HTML 134Page - National Semiconductor (TI) CS5530A Datasheet HTML 135Page - National Semiconductor (TI) CS5530A Datasheet HTML 136Page - National Semiconductor (TI) CS5530A Datasheet HTML 137Page - National Semiconductor (TI) CS5530A Datasheet HTML 138Page - National Semiconductor (TI) CS5530A Datasheet HTML 139Page - National Semiconductor (TI) CS5530A Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 259 page
background image
www.national.com
136
Revision 1.1
Functional Description (Continued)
3.8.4
Gamma RAM
Either the graphics or video stream may be routed through
an on-chip gamma RAM (3x256x8-bit) which can be used
for gamma-correction of either data stream, or con-
trast/brightness adjustments in the case of video data.
A bypass path is provided for either the graphics or video
stream (depending on which is sent through the gamma
RAM). The two streams are merged based on the results of
the color key compare.
Configuration for this feature and the display interface are
through the Display Configuration Register (F4BAR+Mem-
ory Offset 04h). Table 3-76 shows the bit formats for this
register.
Table 3-76. Display Configuration Register
Bit
Description
F4BAR+Memory Offset 04h-07h
Display Configuration Register (R/W)
Reset Value = 00000000h
31
DDC Input Data (Read Only): This is the DDC input data bit for reads.
30:28
Reserved: Set to 0.
27
Flat Panel On (Read Only): This bit indicates whether the attached flat panel display is powered on or off. The bit transi-
tions at the end of the power-up or power-down sequence. 0 = Off; 1 = On.
26
Reserved: Set to 0.
25
16-Bit Graphics Enable: This bit works in conjunction with the 16-bit Video Interface bit at F4BAR+Memory Offset 00h[29].
This bit should be set to the same value as the 16-bit Video Interface bit.
24
DDC Output Enable: This bit enables the DDC_SDA line to be driven for write data. 0 = DDC_SDA (pin M4) is an input;
1 = DDC_SDA (pin M4) is an output.
23
DDC Output Data: This is the DDC data bit.
22
DDC Clock: This is the DDC clock bit. It is used to clock the DDC_SDA bit.
21
Palette Bypass: Selects whether graphics or video data should bypass the gamma RAM.
0 = Video data; 1 = Graphics data.
20
Video/Graphics Color Key Select: Selects whether the video or graphics data stream will be used for color/chroma keying.
0 = Graphics data is compared to color key; 1 = Video data is compared to color key.
19:17
Power Sequence Delay: This field selects the number of frame periods that transpire between successive transitions of the
power sequence control lines. Valid values are 001 to 111.
16:14
CRT Sync Skew: This 3-bit field represents the number of pixel clocks to skew the horizontal and vertical syncs that are
sent to the CRT. This field should be programmed to 100 as the baseline. The syncs may be moved forward or backward rel-
ative to the pixel data via this register. It is used to compensate for the pipeline delay through the graphics pipeline.
13
Flat Panel Dither Enable: This bit enables flat panel dithering. It enables 24 bpp display data to be approximated with an
18-bit flat panel display. 0 = Disable; 1 = Enable.
12
XGA Flat Panel: This bit enables the FP_CLK_ EVEN output signal which can be used to demultiplex the FP_DATA bus into
even and odd pixels. 0 = Standard flat panel; 1 = XGA flat panel.
11
Flat Panel Vertical Synchronization Polarity: Selects the flat panel vertical sync polarity.
0 = FP vertical sync is normally low, transitioning high during sync interval.
1 = FP vertical sync is normally high, transitioning low during sync interval.
10
Flat Panel Horizontal Synchronization Polarity: Selects the flat panel horizontal sync polarity.
0 = FP horizontal sync is normally low, transitioning high during sync interval.
1 = FP horizontal sync is normally high, transitioning low during sync interval.
9
CRT Vertical Synchronization Polarity: Selects the CRT vertical sync polarity.
0 = CRT vertical sync is normally low, transitioning high during sync interval.
1 = CRT vertical sync is normally high, transitioning low during sync interval.
8
CRT Horizontal Synchronization Polarity: Selects the CRT horizontal sync polarity.
0 = CRT horizontal sync is normally low, transitioning high during sync interval.
1 = CRT horizontal sync is normally high, transitioning low during sync interval.
7
Flat Panel Data Enable: Enables the flat panel data bus.
0 = FP_DATA [17:0] is forced low;
1 = FP_DATA [17:0] is driven based upon power sequence control.
6
Flat Panel Power Enable: The transition of this bit initiates a flat panel power-up or power-down sequence.
0 -> 1 = Power-up flat panel;
1 -> 0 = Power-down flat panel.
5
DAC Power-Down (active low): This bit must be set to power-up the video DACs. It can be cleared to power-down the
video DACs when not in use. 0 = DACs are powered down; 1 = DACs are powered up.
4
Reserved: Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com