Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 140 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 140 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 136Page - National Semiconductor (TI) CS5530A Datasheet HTML 137Page - National Semiconductor (TI) CS5530A Datasheet HTML 138Page - National Semiconductor (TI) CS5530A Datasheet HTML 139Page - National Semiconductor (TI) CS5530A Datasheet HTML 140Page - National Semiconductor (TI) CS5530A Datasheet HTML 141Page - National Semiconductor (TI) CS5530A Datasheet HTML 142Page - National Semiconductor (TI) CS5530A Datasheet HTML 143Page - National Semiconductor (TI) CS5530A Datasheet HTML 144Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 259 page
background image
www.national.com
140
Revision 1.1
4.0
Register Descriptions
The Geode CS5530A is a multi-function device. Its register
space can be broadly divided into four categories in which
specific types of registers are located:
1)
Chipset Register Space (F0-F4)
2)
USB Controller Register Space (PCIUSB)
3)
ISA Legacy I/O Register Space (I/O Port)
4)
V-ACPI I/O Register Space (I/O Port)
The Chipset and the USB Controller Register Spaces are
accessed through the PCI interface using the PCI Type
One Configuration Mechanism.
The Chipset Register Space of the CS5530A is com-
prised of five separate functions (F0-F4) each with its own
register space consisting of PCI header registers and
memory or I/O mapped registers.
F0: Bridge Configuration Registers
F1: SMI Status and ACPI Timer Registers
F2: IDE Controller Registers
F3: XpressAUDIO Subsystem Registers
F4: Video Controller Registers
The PCI header is a 256-byte region used for configuring a
PCI device or function. The first 64 bytes are the same for
all PCI devices and are predefined by the PCI specification.
These registers are used to configure the PCI for the
device. The rest of the 256-byte region is used to configure
thedeviceorfunction itself.
The USB Controller Register Space consists of the stan-
dard PCI header registers. The USB controller supports
two ports and is OpenHCI-compliant.
The ISA Legacy I/O Register Space contains all the leg-
acy compatibility I/O ports that are internal, trapped, shad-
owed, or snooped.
The V-ACPI I/O Register Space contains two types of reg-
isters: Fixed Feature and General Purpose. These regis-
ters are emulated by the SMI handling code rather than
existing in physical hardware. To the ACPI-compliant oper-
ating system, the SMI-base virtualization is transparent. An
ACPI compliant system is one whose underlying BIOS,
device drivers, chipset and peripherals conform to revision
1.0 or newer of the Advanced Control and Power Interface
specification.
The CS5530A V-ACPI (Virtual ACPI) solution provides the
following support:
• CPU States — C1, C2
• Sleep States — S1, S2, S4, S4BIOS, S5
• Embedded Controller (Optional) — SCI and SWI event
inputs
• General Purpose Events — Fully programmable GPE0
Event Block registers
The remaining subsections of this chapter are as follows:
• A brief discussion on how to access the registers
located in the PCI Configuration Space
• Register summary
• Detailed bit formats of all registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com