Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 143 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 143 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 139Page - National Semiconductor (TI) CS5530A Datasheet HTML 140Page - National Semiconductor (TI) CS5530A Datasheet HTML 141Page - National Semiconductor (TI) CS5530A Datasheet HTML 142Page - National Semiconductor (TI) CS5530A Datasheet HTML 143Page - National Semiconductor (TI) CS5530A Datasheet HTML 144Page - National Semiconductor (TI) CS5530A Datasheet HTML 145Page - National Semiconductor (TI) CS5530A Datasheet HTML 146Page - National Semiconductor (TI) CS5530A Datasheet HTML 147Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 259 page
background image
Revision 1.1
143
www.national.com
Register Descriptions (Continued)
90h
8
R/W
GPIO Pin Direction Register 1
00h
Page 170
91h
8
R/W
GPIO Pin Data Register 1
00h
Page 170
92h
8
R/W
GPIO Control Register 1
00h
Page 170
93h
8
R/W
Miscellaneous Device Control Register
00h
Page 171
94h
8
R/W
Suspend Modulation OFF Count Register
00h
Page 171
95h
8
R/W
Suspend Modulation ON Count Register
00h
Page 171
96h
8
R/W
Suspend Configuration Register
00h
Page 171
97h
8
R/W
GPIO Control Register 2
00h
Page 172
98h-99h
16
R/W
Primary Hard Disk Idle Timer Count Register
0000h
Page 172
9Ah-9Bh
16
R/W
Floppy Disk Idle Timer Count Register
0000h
Page 172
9Ch-9Dh
16
R/W
Parallel / Serial Idle Timer Count Register
0000h
Page 172
9Eh-9Fh
16
R/W
Keyboard / Mouse Idle Timer Count Register
0000h
Page 173
A0h-A1h
16
R/W
User Defined Device 1 Idle Timer Count Register
0000h
Page 173
A2h-A3h
16
R/W
User Defined Device 2 Idle Timer Count Register
0000h
Page 173
A4h-A5h
16
R/W
User Defined Device 3 Idle Timer Count Register
0000h
Page 173
A6h-A7h
16
R/W
Video Idle Timer Count Register
0000h
Page 173
A8h-A9h
16
R/W
Video Overflow Count Register
0000h
Page 173
AAh-ABh
--
--
Reserved
xxh
Page 173
ACh-ADh
16
R/W
Secondary Hard Disk Idle Timer Count Register
0000h
Page 174
AEh
8
WO
CPU Suspend Command Register
00h
Page 174
AFh
8
WO
Suspend Notebook Command Register
00h
Page 174
B0h-B3h
--
--
Reserved
xxh
Page 174
B4h
8
RO
Floppy Port 3F2h Shadow Register
xxh
Page 174
B5h
8
RO
Floppy Port 3F7h Shadow Register
xxh
Page 174
B6h
8
RO
Floppy Port 1F2h Shadow Register
xxh
Page 174
B7h
8
RO
Floppy Port 1F7h Shadow Register
xxh
Page 174
B8h
8
RO
DMA Shadow Register
xxh
Page 175
B9h
8
RO
PIC Shadow Register
xxh
Page 175
BAh
8
RO
PIT Shadow Register
xxh
Page 175
BBh
8
RO
RTC Index Shadow Register
xxh
Page 175
BCh
8
R/W
Clock Stop Control Register
00h
Page 176
BDh-BFh
--
--
Reserved
xxh
Page 176
C0h-C3h
32
R/W
User Defined Device 1 Base Address Register
00000000h
Page 176
C4h-C7h
32
R/W
User Defined Device 2 Base Address Register
00000000h
Page 176
C8h-CBh
32
R/W
User Defined Device 3 Base Address Register
00000000h
Page 176
CCh
8
R/W
User Defined Device 1 Control Register
00h
Page 176
CDh
8
R/W
User Defined Device 2 Control Register
00h
Page 177
CEh
8
R/W
User Defined Device 3 Control Register
00h
Page 177
CFh
--
--
Reserved
xxh
Page 177
D0h
8
WO
Software SMI Register
00h
Page 177
D1h-EBh
--
--
Reserved
xxh
Page 177
ECh
8
R/W
Timer Test Register
00h
Page 177
EDh-F3h
--
--
Reserved
xxh
Page 177
F4h
8
RC
Second Level Power Management Status Register 1
00h
Page 178
F5h
8
RC
Second Level Power Management Status Register 2
00h
Page 179
F6h
8
RC
Second Level Power Management Status Register 3
00h
Page 180
F7h
8
RO/RC
Second Level Power Management Status Register 4
00h
Page 181
F8h-FFh
--
--
Reserved
xxh
Page 181
Table 4-2. Function 0: PCI Header and Bridge Configuration Registers Summary (Continued)
F0 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 4-15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com