Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 145 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 145 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 141Page - National Semiconductor (TI) CS5530A Datasheet HTML 142Page - National Semiconductor (TI) CS5530A Datasheet HTML 143Page - National Semiconductor (TI) CS5530A Datasheet HTML 144Page - National Semiconductor (TI) CS5530A Datasheet HTML 145Page - National Semiconductor (TI) CS5530A Datasheet HTML 146Page - National Semiconductor (TI) CS5530A Datasheet HTML 147Page - National Semiconductor (TI) CS5530A Datasheet HTML 148Page - National Semiconductor (TI) CS5530A Datasheet HTML 149Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 259 page
background image
Revision 1.1
145
www.national.com
Register Descriptions (Continued)
Table 4-5. Function 2: PCI Header Registers for IDE Controller Summary
F2 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 4-18)
00h-01h
16
RO
Vendor Identification Register
1078h
Page 188
02h-03h
16
RO
Device Identification Register
0102h
Page 188
04h-05h
16
R/W
PCI Command Register
0000h
Page 188
06h-07h
16
RO
PCI Status Register
0280h
Page 188
08h
8
RO
Device Revision ID Register
00h
Page 188
09h-0Bh
24
RO
PCI Class Code Register
010180h
Page 188
0Ch
8
RO
PCI Cache Line Size Register
00h
Page 188
0Dh
8
RO
PCI Latency Timer Register
00h
Page 188
0Eh
8
RO
PCI Header Type Register
00h
Page 188
0Fh
8
RO
PCI BIST Register
00h
Page 188
10h-1Fh
--
--
Reserved
00h
Page 188
20h-23h
32
R/W
Base Address Register (F2BAR): Sets base address for I/O
mapped IDE controller configuration registers (summarized
in Table 4-6).
00000001h
Page 188
24h-3Fh
--
--
Reserved
00h
Page 188
40h-FFh
--
--
Reserved
xxh
Page 188
Table 4-6. F2BAR: IDE Controller Configuration Registers Summary
F2BAR+
I/O Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 4-19)
00h
8
R/W
IDE Bus Master 0 Command Register: Primary
00h
Page 189
01h
--
--
Reserved
xxh
Page 189
02h
8
R/W
IDE Bus Master 0 Status Register: Primary
00h
Page 189
03h
--
--
Reserved
xxh
Page 189
04h-07h
32
R/W
IDE Bus Master 0 PRD Table Address: Primary
00000000h
Page 189
08h
8
R/W
IDE Bus Master 1 Command Register: Secondary
00h
Page 189
09h
--
--
Reserved
xxh
Page 189
0Ah
8
R/W
IDE Bus Master 1 Status Register: Secondary
00h
Page 189
0Bh
--
--
Reserved
xxh
Page 190
0Ch-0Fh
32
R/W
IDE Bus Master 1 PRD Table Address: Secondary
00000000h
Page 190
10h-1Fh
--
--
Reserved
xxh
Page 190
20h-23h
32
R/W
Channel 0 Drive 0: PIO Register
0000E132h
Page 190
24h-27h
32
R/W
Channel 0 Drive 0: DMA Control Register
00077771h
Page 191
28h-2Bh
32
R/W
Channel 0 Drive 1: PIO Register
0000E132h
Page 191
2Ch-2Fh
32
R/W
Channel 0 Drive 1: DMA Control Register
00077771h
Page 191
30h-33h
32
R/W
Channel 1 Drive 0: PIO Register
0000E132h
Page 191
34h-37h
32
R/W
Channel 1 Drive 0: DMA Control Register
00077771h
Page 191
38h-3Bh
32
R/W
Channel 1 Drive 1: PIO Register
0000E132h
Page 191
3Ch-3Fh
32
R/W
Channel 1 Drive 1: DMA Control Register
00077771h
Page 191
40h-FFh
--
--
Reserved
xxh
Page 191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com