Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 144 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 144 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 140Page - National Semiconductor (TI) CS5530A Datasheet HTML 141Page - National Semiconductor (TI) CS5530A Datasheet HTML 142Page - National Semiconductor (TI) CS5530A Datasheet HTML 143Page - National Semiconductor (TI) CS5530A Datasheet HTML 144Page - National Semiconductor (TI) CS5530A Datasheet HTML 145Page - National Semiconductor (TI) CS5530A Datasheet HTML 146Page - National Semiconductor (TI) CS5530A Datasheet HTML 147Page - National Semiconductor (TI) CS5530A Datasheet HTML 148Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 259 page
background image
www.national.com
144
Revision 1.1
Register Descriptions (Continued)
Table 4-3. Function 1: PCI Header Registers for SMI Status and ACPI Timer Summary
F1 Index
Width
(Bits)
Type
Name
Reset Value
Reference
(Table 4-16)
00h-01h
16
RO
Vendor Identification Register
1078h
Page 182
02h-03h
16
RO
Device Identification Register
0101h
Page 182
04h-05h
16
R/W
PCI Command Register
0000h
Page 182
06h-07h
16
RO
PCI Status Register
0280h
Page 182
08h
8
RO
Device Revision ID Register
00h
Page 182
09h-0Bh
24
RO
PCI Class Code Register
068000h
Page 182
0Ch
8
RO
PCI Cache Line Size Register
00h
Page 182
0Dh
8
RO
PCI Latency Timer Register
00h
Page 182
0Eh
8
RO
PCI Header Type Register
00h
Page 182
0Fh
8
RO
PCI BIST Register
00h
Page 182
10h-13h
32
R/W
Base Address Register (F1BAR): Sets base address for
memory mapped SMI status and ACPI timer support regis-
ters (summarized in Table 4-4).
00000000h
Page 182
14h-3Fh
--
--
Reserved
00h
Page 182
40h-FFh
Reserved
xxh
Page 182
Table 4-4. F1BAR: SMI Status and ACPI Timer Registers Summary
F1BAR+
Memory
Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 4-17)
00h-01h
16
RO
Top SMI Status Mirror Register
0000h
Page 183
02h-03h
16
RC
Top SMI Status Register
0000h
Page 184
04h-05h
16
RO
Second Level General Traps & Timers Status Mirror
0000h
Page 185
06h-07h
16
RC
Second Level General Traps & Timers Status Register
0000h
Page 186
08h-09h
16
Read to
Enable
SMI Speedup Disable Register
0000h
Page 186
0Ah-1Bh
--
--
Reserved
xxh
Page 186
1Ch-1Fh
32
RO
ACPI Timer Count
Note: The ACPI Timer Count Register is accessible through
I/O Port 121Ch.
00FFFFFCh
Page 186
20h-4Fh
--
--
Reserved
xxh
Page 187
50h-FFh
Note: The registers located at F1BAR+Memory Offset 50h-FFh can also be accessed at F0 Index 50h-FFh. The pre-
ferred method is to program these registers through the F0 Register Space. Refer to Table 4-2 "Function 0: PCI
Header and Bridge Configuration Registers Summary" on page 142 for summary information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com