Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 147 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 147 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 143Page - National Semiconductor (TI) CS5530A Datasheet HTML 144Page - National Semiconductor (TI) CS5530A Datasheet HTML 145Page - National Semiconductor (TI) CS5530A Datasheet HTML 146Page - National Semiconductor (TI) CS5530A Datasheet HTML 147Page - National Semiconductor (TI) CS5530A Datasheet HTML 148Page - National Semiconductor (TI) CS5530A Datasheet HTML 149Page - National Semiconductor (TI) CS5530A Datasheet HTML 150Page - National Semiconductor (TI) CS5530A Datasheet HTML 151Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 259 page
background image
Revision 1.1
147
www.national.com
Register Descriptions (Continued)
x
41h
8
RC
Audio Bus Master 4 SMI Status Register
00h
Page 202
42h-43h
--
--
Reserved
xxh
Page 202
44h-47h
32
R/W
Audio Bus Master 4 PRD Table Address
00000000h
Page 202
48h
8
R/W
Audio Bus Master 5 Command Register
00h
Page 202
49h
8
RC
Audio Bus Master 5 SMI Status Register
00h
Page 202
4Ah-4Bh
--
--
Reserved
xxh
Page 202
4Ch-4Fh
32
R/W
Audio Bus Master 5 PRD Table Address
00000000h
Page 202
50h-FFh
--
--
Reserved
xxh
Page 202
Table 4-8. F3BAR: XpressAUDIO Subsystem Configuration Registers Summary (Continued)
F3BAR+
Memory
Offset
Width
(Bits)
Type
Name
Reset Value
Reference
(Table 4-21)
Table 4-9. Function 4: PCI Header Registers for Video Controller Summary
F4 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 4-22)
00h-01h
16
RO
Vendor Identification
1078h
Page 203
02h-03h
16
RO
Device Identification
0104h
Page 203
04h-05h
16
R/W
PCI Command
0000h
Page 203
06h-07h
16
RO
PCI Status
0280h
Page 203
08h
8
RO
Device Revision ID
00h
Page 203
09h-0Bh
24
RO
PCI Class Code
030000h
Page 203
0Ch
8
RO
PCI Cache Line Size
00h
Page 203
0Dh
8
RO
PCI Latency Timer
00h
Page 203
0Eh
8
RO
PCI Header Type
00h
Page 203
0Fh
8
RO
PCI BIST Register
00h
Page 203
10h-13h
32
R/W
Base Address Register (F4BAR): Sets base address for
memory mapped video controller configuration registers
(summarized in Table 4-10).
00000000h
Page 203
14h-3Fh
--
--
Reserved
00h
Page 203
40h-FFh
--
--
Reserved
xxh
Page 203
Table 4-10. F4BAR: Video Controller Configuration Registers Summary
F4BAR+
Memory
Offset
Width
(Bits)
Type
Register Name
Reset
Value
Reference
(Table 4-23)
00h-03h
32
R/W
Video Configuration Register
00000000h
Page 204
04h-07h
32
R/W
Display Configuration Register
x0000000h
Page 205
08h-0Bh
32
R/W
Video X Register
xxxxxxxxh
Page 206
0Ch-0Fh
32
R/W
Video Y Register
xxxxxxxxh
Page 206
10h-13h
32
R/W
Video Scale Register
xxxxxxxxh
Page 206
14h-17h
32
R/W
Video Color Key Register
xxxxxxxxh
Page 206
18h-1Bh
32
R/W
Video Color Mask Register
xxxxxxxxh
Page 206
1Ch-1Fh
32
R/W
Palette Address Register
xxxxxxxxh
Page 206
20h-23h
32
R/W
Palette Data Register
xxxxxxxxh
Page 206
24h-27h
32
R/W
Dot Clock Configuration Register
00000000h
Page 207
28h-2Bh
32
R/W
CRC Signature and TFT/TV Configuration Register
00000100h
Page 208
2Ch-FFh
--
--
Reserved
xxh
Page 208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com