Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 149 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 149 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 145Page - National Semiconductor (TI) CS5530A Datasheet HTML 146Page - National Semiconductor (TI) CS5530A Datasheet HTML 147Page - National Semiconductor (TI) CS5530A Datasheet HTML 148Page - National Semiconductor (TI) CS5530A Datasheet HTML 149Page - National Semiconductor (TI) CS5530A Datasheet HTML 150Page - National Semiconductor (TI) CS5530A Datasheet HTML 151Page - National Semiconductor (TI) CS5530A Datasheet HTML 152Page - National Semiconductor (TI) CS5530A Datasheet HTML 153Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 259 page
background image
Revision 1.1
149
www.national.com
Register Descriptions (Continued)
50h-53h
32
R/W
HcRhStatus
00000000h
Page 216
54h-57h
32
R/W
HcRhPortStatus[1]
00000628h
Page 217
58h-5Bh
32
R/W
HcRhPortStatus[2]
01000002h
Page 218
5Ch-5Fh
32
--
Reserved
00000000h
Page 218
60h-9Fh
--
--
Reserved
xxh
Page 218
100h-103h
32
R/W
HceControl
00000000h
Page 219
104h-107h
32
R/W
HceInput
000000xxh
Page 219
108h-10Dh
32
R/W
HceOutput
000000xxh
Page 219
10Ch-10Fh
32
R/W
HceStatus
00000000h
Page 219
Table 4-12. USB BAR: USB Controller Registers Summary (Continued)
USB BAR+
Memory
Offset
Width
(Bits)
Type
Name
Reset Value
Reference
(Table 4-26)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com