Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 153 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 153 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 149Page - National Semiconductor (TI) CS5530A Datasheet HTML 150Page - National Semiconductor (TI) CS5530A Datasheet HTML 151Page - National Semiconductor (TI) CS5530A Datasheet HTML 152Page - National Semiconductor (TI) CS5530A Datasheet HTML 153Page - National Semiconductor (TI) CS5530A Datasheet HTML 154Page - National Semiconductor (TI) CS5530A Datasheet HTML 155Page - National Semiconductor (TI) CS5530A Datasheet HTML 156Page - National Semiconductor (TI) CS5530A Datasheet HTML 157Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 259 page
background image
Revision 1.1
153
www.national.com
Register Descriptions (Continued)
4.3
CHIPSET REGISTER SPACE
The Chipset Register Space of the CS5530A is comprised
of five separate functions (Function 0 through 4, F0-F4),
each with its own register space and PCI header registers.
F1-F4 have memory or I/O mapped registers from a Base
Address Register (BAR). The PCI header registers in all
functions are very similar.
F0: Bridge Configuration Register Space
F1: SMI Status and ACPI Timer Register Space
F2: IDE Controller Register Space
F3: XpressAUDIO Subsystem Register Space
F4: Video Controller Register Space
4.3.1
Bridge Configuration Registers - Function 0
The register space designated as Function 0 (F0) contains
registers used to configure features (e.g., power manage-
ment) and functionality unique to the CS5530A. All regis-
ters in Function 0 are directly accessed (i.e., there are no
memory or I/O mapped registers in F0). Table 4-15 gives
the bit formats for these registers.
The registers at F0 Index 50h-FFh can also be accessed at
F1BAR+Memory Offset 50h-FFh. The preferred method is
to program these registers through the F0 register space.
If theF0PCI ConfigurationTrapbit (F0Index 41h[0]) is
enabled and an access is attempted to any of the F0 PCI
header and bridge configuration registers except F0 Index
40h-43h, an SMI is generated instead.
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value = 1078h
15:0
Vendor Identification Register (Read Only)
Index 02h-03h
Device Identification Register (RO)
Reset Value = 0100h
15:0
Device Identification Register (Read Only)
Index 04h-05h
PCI Command Register (R/W)
Reset Value = 000Fh
15:10
Reserved: Set to 0.
9
Fast Back-to-Back Enable (Read Only): This function is not supported when the CS5530A is a master. It is always
disabled (always reads 0).
8
SERR#: Allow SERR# assertion on detection of special errors. 0 = Disable (Default);1 =Enable.
7
Wait Cycle Control (Read Only): This function is not supported in the CS5530A. It is always disabled
(always reads 0).
6
Parity Error: Allow the CS5530A to check for parity errors on PCI cycles for which it is a target, and to assert PERR# when
a parity error is detected. 0 = Disable (Default); 1 = Enable.
5
VGA Palette Snoop Enable (Read Only): This function is not supported in the CS5530A. It is always disabled (always
reads 0).
4
Memory Write and Invalidate: Allow the CS5530A to do memory write and invalidate cycles, if the PCI Cache Line Size
Register (F0 Index 0Ch) is set to 16 bytes (04h). 0 = Disable (Default);1 =Enable.
3
Special Cycles: Allow the CS5530A to respond to special cycles. 0 = Disable; 1 = Enable (Default).
This bit must be enabled to allow the CPU Warm Reset internal signal to be triggered from a CPU Shutdown cycle.
2
Bus Master: Allow the CS5530A bus mastering capabilities. 0 = Disable; 1 = Enable (Default).
This bit must be set to 1.
1
Memory Space: Allow the CS5530A to respond to memory cycles from the PCI bus. 0 = Disable; 1 = Enable (Default).
0
I/O Space: Allow the CS5530A to respond to I/O cycles from the PCI bus. 0 = Disable; 1 = Enable (Default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com