Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 152 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 152 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 148Page - National Semiconductor (TI) CS5530A Datasheet HTML 149Page - National Semiconductor (TI) CS5530A Datasheet HTML 150Page - National Semiconductor (TI) CS5530A Datasheet HTML 151Page - National Semiconductor (TI) CS5530A Datasheet HTML 152Page - National Semiconductor (TI) CS5530A Datasheet HTML 153Page - National Semiconductor (TI) CS5530A Datasheet HTML 154Page - National Semiconductor (TI) CS5530A Datasheet HTML 155Page - National Semiconductor (TI) CS5530A Datasheet HTML 156Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 259 page
background image
www.national.com
152
Revision 1.1
Register Descriptions (Continued)
Table 4-14. V-ACPI I/O Register Space Summary
ACPI_
BASE
Type
Align
Length
Name
Reset
Value
Reference
(Table 4-34)
00h-03h
R/W
4
4
P_CNT: Processor Control Register
00000000h
Page 229
04h
RO
1
1
P_LVL2: Enter C2 Power State Register
00h
Page 229
05h
--
1
1
Reserved
00h
Page 229
06h
R/W
1
1
SMI_CMD: OS/BIOS Requests Register (ACPI Enable/
Disable Port)
00h
Page 229
07h
--
1
1
Reserved
00h
Page 229
08h-09h
R/W
2
2
PM1A_STS: PM1A Status Register
0000h
Page 230
0Ah-0Bh
R/W
2
2
PM1A_EN: PM1A Enable Register
0000h
Page 230
0Ch-0Dh
R/W
4
2
PM1A_CNT: PM1A Control Register
0000h
Page 230
0Eh-0Fh
R/W
2
2
SETUP_IDX: Setup Index Register (V-ACPI internal index
register)
0000h
Page 230
10h-11h
R/W
2
2
GPE0_STS: General Purpose Event 0 Status Register
0000h
Page 231
12h-13h
R/W
2
2
GPE0_EN: General Purpose Event 0 Enable Register
0000h
Page 231
14h-17h
R/W
4
4
SETUP_DATA: Setup Data Register (V-ACPI internal data
register)
00000000h
Page 232
18h-1Fh
--
8
Reserved: For Future V-ACPI Implementations
--
Page 232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com