Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 138 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 138 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 134Page - National Semiconductor (TI) CS5530A Datasheet HTML 135Page - National Semiconductor (TI) CS5530A Datasheet HTML 136Page - National Semiconductor (TI) CS5530A Datasheet HTML 137Page - National Semiconductor (TI) CS5530A Datasheet HTML 138Page - National Semiconductor (TI) CS5530A Datasheet HTML 139Page - National Semiconductor (TI) CS5530A Datasheet HTML 140Page - National Semiconductor (TI) CS5530A Datasheet HTML 141Page - National Semiconductor (TI) CS5530A Datasheet HTML 142Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 259 page
background image
www.national.com
138
Revision 1.1
Functional Description (Continued)
3.9
UNIVERSAL SERIAL BUS SUPPORT
The CS5530A integrates a Universal Serial Bus (USB) con-
troller which supports two ports. The USB controller is
OpenHCI compliant, a standard developed by Compaq,
Microsoft, and National Semiconductor. The USB core con-
sists of three main interface blocks: the USB PCI interface
controller, the USB host controller, and the USB interface
controller. Legacy keyboard and mouse controllers are also
supported for DOS compatibility with those USB devices.
This document must be used along with the following public
domain reference documents for a complete functional
description of the USB controller:
• USB Specification Revision 1.0
• OpenHCI Specification, Revision 1.0
• PCI Specification, Version 2.1
3.9.1
USB PCI Controller
The PCI controller interfaces the host controller to the PCI
bus. As a master, the PCI controller is responsible for run-
ning cycles on the PCI bus on behalf of the host controller.
As a target, the PCI controller monitors the cycles on the
PCI bus and determines when to respond to these cycles.
The USB core is a PCI target when it decodes cycles to its
internal PCI configuration registers or to its internal PCI
memory mapped I/O registers.
The USB core is implemented as a unique PCI device in
the CS5530A. It has its own PCI Header and Configuration
space. It is a single-function device, containing only Func-
tion #0. Depending on the state of the HOLD_REQ# strap
pin at reset, its PCI Device Number for Configuration
accesses varies:
If HOLD_REQ# is low, it uses pin AD29 as its IDSEL
input, appearing as Device #13h in a Geode system.
If HOLD_REQ# is high, it uses pin AD27 as its IDSEL
input, appearing as Device #11h in a Geode system.
The USB core is also affected by some bits in registers
belonging to the other (Chipset) device of the CS5530A. In
particular, the USB device can be disabled through the
Chipset device, F0 Index 43h[0], and its IDSEL can be
remapped by changing F0 Index 44h[6] (though this also
affects the Chipset device's IDSEL and is not recom-
mended).
All registers can be accessed via 8-, 16-, or 32-bit cycles
(i.e., each byte is individually selected by the byte enables).
Registers marked as Reserved, and reserved bits within a
register are not implemented and should not be modified.
These registers are summarized in Table 3-77. For com-
plete bit information, see Table 4-25 "USB Index xxh: USB
PCI Configuration Registers" on page 210.
Table 3-77. USB PCI Configuration Registers
USB
Index
Type
Name
00h-01h
RO
Vendor Identification
02h-03h
RO
Device Identification
04h-05h
R/W
Command Register
06h-07h
R/W
Status Register
08h
RO
Device Revision ID
09h-0Bh
RO
Class Code
0Ch
R/W
Cache Line Size
0Dh
R/W
Latency Timer
0Eh
RO
Header Type
0Fh
RO
BIST Register
10h-13h
R/W
Base Address Register (USB
BAR): Sets the base address of
the memory mapped USB con-
troller registers.
14h-3Bh
--
Reserved
3Ch
R/W
Interrupt Line Register
3Dh
RO
Interrupt Pin Register
3Eh
RO
Min. Grant Register
3Fh
RO
Max. Latency Register
40h-43h
R/W
ASIC Test Mode Enable Regis-
ter
44h-45h
R/W
ASIC Operational Mode Enable
46h-47h
--
Reserved
48h-FFh
--
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com