Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9154 Datasheet HTML 37Page - Analog Devices AD9154 Datasheet HTML 38Page - Analog Devices AD9154 Datasheet HTML 39Page - Analog Devices AD9154 Datasheet HTML 40Page - Analog Devices AD9154 Datasheet HTML 41Page - Analog Devices AD9154 Datasheet HTML 42Page - Analog Devices AD9154 Datasheet HTML 43Page - Analog Devices AD9154 Datasheet HTML 44Page - Analog Devices AD9154 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 41 of 124
5. If in one-shot mode, arm the sync machine by writing 1 to
SYNCARM (Register 0x03A, Bit 6).
6. If in Subclass 1, ensure that at least one SYSREF± pulse is
sent to the device.
7. Check the status by reading the following bit fields:
a) REF_BUSY (Register 0x03B, Bit 7) = 0 to indicate that
the sync logic is no longer busy.
b) REF_LOCK (Register 0x03B, Bit 3) = 1 to indicate that
the signals are aligned. This bit updates on every
phase check.
c) REF_WLIM (Register 0x03B, Bit 1) = 0 to indicate
that the phase error is not beyond the specified error
window. This bit updates on every phase check.
d) REFROTA (Register 0x03B, Bit 2) = 1 if the phases
were not aligned before the sync and an alignment
occurred, this indicates that a clock alignment occurred.
This bit is sticky and can be cleared only by writing to
the SYNCCLRSTKY control bit (Register 0x03A, Bit 5).
e) REF_TRIP (Register 0x03B, Bit 0) = 1 to indicate
alignment edge received and phase check occurred.
This bit is sticky and can be cleared only by writing to the
SYNCCLRSTKY control bit (Register 0x03A, Bit 5).
Table 40. Sync Processing Modes
Sync Processing
Mode
SYNCMODE (Register 0x03A,
Bits[3:0])
One-shot
0x01
Continuous
0x02
One-shot then monitor
0x09
Table 41. Sync Window Tolerance
Sync Error Window
Tolerance
ERRWINDOW (Register 0x034,
Bits[2:0])
±1/2 DAC clock cycles
0x00
±1 DAC clock cycles
0x01
±2 DAC clock cycles
0x02
±3 DAC clock cycles
0x03
LMFC Sync IRQ
The sync status bits (REFLOCK, REFROTA, REFTRIP, and
REFWLIM) are available as IRQ events.
Use Register 0x021, Bits[3:0] to enable the sync status bits for
DAC Dual A (DAC0 and DAC1), and then use Register 0x025,
Bits[3:0] to read back their statuses and reset the IRQ signals.
Use Register 0x022, Bits[3:0] to enable the sync status bits for
DAC Dual B (DAC2 and DAC3), and then use Register 0x026,
Bits[3:0] read back their statuses and reset the IRQ signals.
Deterministic Latency
JESD204B systems contain various clock domains distributed
throughout each system. Data traversing from one clock
domain to a different clock domain can lead to ambiguous
delays in the JESD204B link. These ambiguities lead to
nonrepeatable latencies across the link from power cycle to
power cycle with each new link establishment. Section 6 of the
JESD204B specification addresses the issue of deterministic
latency with mechanisms defined as Subclass 1 and Subclass 2.
The AD9154 supports JESD204B Subclass 0 and Subclass 1
operation, but not Subclass 2. Write the subclass to Register 0x301,
Bits[2:0] and once per link to Register 0x458, Bits[7:5].
Subclass 0
This mode does not require any signal on the SYSREF± pins,
which can be left disconnected.
Subclass 0 still requires that all lanes arrive within the same LMFC
cycle and the dual DACs must be synchronized to each other.
Minor Subclass 0 Caveats
Because the AD9154 requires an ILAS, the nonmultiple
converter single lane (NMCDA-SL) case from the JESD204A
specification is only supported when using the optional ILAS.
Error reporting using SYNCOUTx± is not supported when
using Subclass 0 with F = 1.
Subclass 1
This mode gives deterministic latency and allows links to be
synced to within ½ a DAC clock period. It requires an external
SYSREF± signal that is accurately phase aligned to the DAC clock.
Deterministic Latency Requirements
Several key factors are required for achieving deterministic
latency in a JESD204B Subclass 1 system.
•
The SYSREF± signal distribution skew within the system
must be less than the desired uncertainty.
•
The SYSREF± setup and hold time requirements must be
met for each device in the system.
•
The total latency variation across all lanes, links and
devices must be ≤10 PClock periods. This includes both
variable delays and the variation in fixed delays from lane
to lane, link to link, and device to device in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com