Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154 Datasheet(PDF) 74 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9154 Datasheet HTML 70Page - Analog Devices AD9154 Datasheet HTML 71Page - Analog Devices AD9154 Datasheet HTML 72Page - Analog Devices AD9154 Datasheet HTML 73Page - Analog Devices AD9154 Datasheet HTML 74Page - Analog Devices AD9154 Datasheet HTML 75Page - Analog Devices AD9154 Datasheet HTML 76Page - Analog Devices AD9154 Datasheet HTML 77Page - Analog Devices AD9154 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 74 of 124
Register 0x084, Bit 5 notifies the user that the DAC PLL calibration
is completed and is valid.
Register 0x084, Bit 1 notifies the user that the PLL has locked.
Register 0x084, Bits[7:6] and Register 0x084, Bit 5 notify the
user that the DAC PLL hit the upper or lower edge of its operating
band, respectively. If either of these bits are high, recalibrate the
DAC PLL by setting Register 0x083, Bit 7 to 0 and then 1.
DAC PLL IRQ
The DAC PLL lock and lost signals are available as IRQ events.
Use Register 0x01F, Bit 5 and Bit 4 to enable these signals, and
then use Register 0x023, Bit 5 and Bit 4 to read back their
statuses and reset the IRQ signals. See the Interrupt Request
Operation section.
LC VCO
6GHz
TO
12GHz
4-BIT
PROGRAMMABLE,
INTEGRATED
LOOP FILTER
CHARGE
PUMP
PFD
80MHz
MAX
RETIMER
UP
DOWN
fREF
30MHz
TO 1GHz
B COUNTER
N1 =
DIVIDE BY
1, 2, 4, 8, 16, 32
0.1mA TO 6.4mA
FO CAL
ALC CAL
CAL CONTROL BITS
R1
R3
C1
C2
C3
VCO
LDO
MUX/SELECTABLE BUFFERS
÷2
÷2
I
Q
I
Q
I
Q
÷2
÷2
DAC CLOCK
MAXIMUM FREQUENCY = 1.6GHz
NMUX = 4, 8, 16
÷2
÷2
÷4
÷8
÷16
Figure 78. Device Clock PLL Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com