Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154 Datasheet(PDF) 85 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9154 Datasheet HTML 81Page - Analog Devices AD9154 Datasheet HTML 82Page - Analog Devices AD9154 Datasheet HTML 83Page - Analog Devices AD9154 Datasheet HTML 84Page - Analog Devices AD9154 Datasheet HTML 85Page - Analog Devices AD9154 Datasheet HTML 86Page - Analog Devices AD9154 Datasheet HTML 87Page - Analog Devices AD9154 Datasheet HTML 88Page - Analog Devices AD9154 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 85 of 124
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x054
NCOKEY_QMSB
NCOKEYQMSB
0x00
R/W
0x060
PA_THRES0
PDP_THRESHOLD[7:0]
0x00
R/W
0x061
PA_THRES1
RESERVED
PDP_THRESHOLD[12:8]
0x00
R/W
0x062
PDP_AVG_TIME
PDP_ENABLE PA_BUS_
SWAP
RESERVED
PDP_AVG_TIME
0x00
R/W
0x063
PA_POWER0
PDP_POWER[7:0]
0x00
R
0x064
PA_POWER1
RESERVED
PDP_POWER[12:8]
0x00
R
0x080
CLKCFG0
PD_CLK01
PD_CLK23
PDCLOCKDIG
PD_PCLK
PDCLOCK-
REC
DUTY_EN
RF_SYNC_
EN
RF_
CLKDIV_EN
0xFE
R/W
0x081
SYSREF_ACTRL0
RESERVED
PDSYSREF
HYS_ON
SYSREF_RISE
HYS_CNTRL1
0x10
R/W
0x082
SYSREF_ACTRL1
HYS_CNTRL0
0x00
R/W
0x083
DACPLLCNTRL
SYNTH_
RECAL
RESERVED
ENABLE_
SYNTH
RESERVED
0x00
R/W
0x084
DACPLLSTATUS
CP_OVERRANGE_H
CP_
OVERRANGE_L
CP_CAL_VALID VCO_CAL_
PROGRESS
RESERVED
RFPLL_
LOCK
RESERVED
0x00
R/W
0x085
DACINTEGER-
WORD0
BCOUNT
0x06
R/W
0x087
DACLOOPFILT1
LF_C2_WORD
LF_C1_WORD
0x88
R/W
0x088
DACLOOPFILT2
LF_R1_WORD
LF_C3_WORD
0x88
R/W
0x089
DACLOOPFILT3
LF_BYPASS_
R3
LF_BYPASS_
R1
LF_BYPASS_C2 LF_BYPASS_C1
LF_R3_WORD
0x08
R/W
0x08A
DACCPCNTRL
RESERVED
VT_FORCE
CP_CURRENT
0x20
R/W
0x08B
DACLOGEN-
CNTRL
RESERVED
LO_POWER_MODE
RESERVED
LODIVMODE
0x00
R/W
0x08C
DACLDOCNTRL1
LDO_REF_SEL LDO_BYPASS_
FILT
RESERVED
REFDIVMODE
0x00
R/W
0x08D
DACLDOCNTRL2
LDO_BYPASS
LDO_INRUSH
LDO_SEL
LDO_VDROP
0x2B
R/W
0x110
DATA_FORMAT
DATA_FMT
RESERVED
0x00
R/W
0x111
DATAPATH_
CTRL
INVSINC_
ENABLE
RESERVED
DIG_GAIN_
ENABLE
PHASE_ADJ_
ENABLE
MODULATION_TYPE
SEL_
SIDEBAND
I_TO_Q
0xA0
R/W
0x112
INTERPMODE
RESERVED
INTERPMODE
0x01
R/W
0x113
NCO_FTW_
UPDATE
RESERVED
FTW_UP-
DATE_ACK
FTW_UP-
DATE_REQ
0x00
R/W
0x114
FTW0
FTW0
0x00
R/W
0x115
FTW1
FTW1
0x00
R/W
0x116
FTW2
FTW2
0x00
R/W
0x117
FTW3
FTW3
0x00
R/W
0x118
FTW4
FTW4
0x00
R/W
0x119
FTW5
FTW5
0x10
R/W
0x11A
NCO_PHASE_
OFFSET0
NCO_PHASE_OFFSET0
0x00
R/W
0x11B
NCO_PHASE_
OFFSET1
NCO_PHASE_OFFSET1
0x00
R/W
0x11C
NCO_PHASE_
ADJ0
PHASEADJ[7:0]
0x00
R/W
0x11D
NCO_PHASE_
ADJ1
PHASEADJ[12:8]
0x00
R/W
0x11F
TXEN_SM_0
PA_FALL
PA_RISE
RESERVED
GP_PA_ON_
INVERT
GP_PA_
CTRL
TXEN_SM_
EN
0x83
R/W
0x121
TXEN_SM_2
RISE_COUNT_0
0x0F
R/W
0x122
TXEN_SM_3
RISE_COUNT_1
0x00
R/W
0x123
TXEN_SM_4
FALL_COUNT_0
0xFF
R/W
0x124
TXEN_SM_5
FALL_COUNT_1
0xFF
R/W
0x12D
DEVICE_CONFIG_
REG0
DEVICE_CONFIG_0
0x46
R/W
0x12F
DIE_TEMP_
CTRL0
RESERVED
AUXADC_
ENABLE
0x20
R/W
0x132
DIE_TEMP0
DIE_TEMP_LSB
0x00
R
0x133
DIE_TEMP1
DIE_TEMP_MSB
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com