Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9154 Datasheet HTML 21Page - Analog Devices AD9154 Datasheet HTML 22Page - Analog Devices AD9154 Datasheet HTML 23Page - Analog Devices AD9154 Datasheet HTML 24Page - Analog Devices AD9154 Datasheet HTML 25Page - Analog Devices AD9154 Datasheet HTML 26Page - Analog Devices AD9154 Datasheet HTML 27Page - Analog Devices AD9154 Datasheet HTML 28Page - Analog Devices AD9154 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 25 of 124
DEVICE SETUP GUIDE
Follow these steps to properly set up the AD9154:
1. Set up the SPI interface, power up necessary circuit blocks,
make required writes to the configuration registers, and set
up the DAC clocks (see Step 1: Start Up the DAC).
2. Set the digital features of the AD9154 (see Step 2: Digital
Datapath).
3. Set up the JESD204B links (see Step 3: Transport Layer).
4. Set up the physical layer of the SERDES interface (see Step 4:
Physical Layer).
5. Set up the data link layer of the SERDES interface (see Step 5:
Data Link Layer).
6. Check for errors (see Step 6: Error Monitoring).
7. Enable any additional datapath features needed as
described in Table 19.
A specific working start-up sequence example is given in the
Example Start-Up Sequence section.
The register writes listed in Table 15 to Table 22 are necessary
writes to set up the AD9154. Consider printing out this setup
guide and filling in the Value column with appropriate variable
values for the conditions of the desired application.
The value notation 0x without a specified value setting indicates
register settings that must be filled in by the user. To fill in the
unknown register values, select the correct settings for each
variable listed in the Variable column of Table 15 to Table 22.
The Description column describes how to set variables, or
provides a link to a section where this procedure is described.
Register settings with specified values are fixed settings to be
used in all cases.
A variable is noted by concatenating multiple terms. For example,
PdDACs is a variable corresponding to the value that is determined
for Register 0x011[6:3] in the Device Setup Guide section.
STEP 1: START UP THE DAC
This section describes how to set up the SPI interface, power up
necessary circuit blocks, as well as the required writes to the
configuration registers, and how to set up the DAC clocks.
Table 15. Power-Up and DAC Initialization Settings
Addr.
Bit
No.
Value1
Variable
Description
0x000
0xBD
Soft reset.
0x000
0x3C
Deassert reset, set 4-wire SPI.
0x011
0x
7
0
Power-up band gap.
[6:3]
PdDACs
PdDACs = 0 if all four DACs are
being used. If not, see the DAC
Power-Down Setup section.
0x080
[7:6]
PdClocks
PdClocks = 0 if all four DACs are
being used. If not, see the DAC
Power-Down Setup section.
1
0x1
DUTY_EN
Always set DUTY_EN = 2
0x081
0x
PdSysref
PdSysref = 0x00 for Subclass 1.
PdSysref = 0x10 for Subclass 0.
See the Subclass Setup section
for details on subclass.
1
0x denotes a register value that the user must fill in. See the Variable and
Description columns for information on selecting the appropriate register value.
The registers in Table 16 must be written to and the values changed
from default for the device to work correctly. These registers must
be written to after any soft reset, hard reset, or on a power-up.
Table 16. Required Device Configurations
Addr.
Value
Description
0x12D
0x8B
Digital datapath configuration
0x146
0x01
Digital datapath configuration
0x333
0x01
JESD interface configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com