Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9154 Datasheet HTML 11Page - Analog Devices AD9154 Datasheet HTML 12Page - Analog Devices AD9154 Datasheet HTML 13Page - Analog Devices AD9154 Datasheet HTML 14Page - Analog Devices AD9154 Datasheet HTML 15Page - Analog Devices AD9154 Datasheet HTML 16Page - Analog Devices AD9154 Datasheet HTML 17Page - Analog Devices AD9154 Datasheet HTML 18Page - Analog Devices AD9154 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 15 of 124
fOUT (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
100
200
300
400
500
600
700
800
900
1000
20mA
10mA
4mA
Figure 10. In-Band Second Harmonic vs. fOUT in the
First Nyquist Zone over Analog Full-Scale Current, fDAC = 1966.08 MHz
fOUT (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
100
200
300
400
500
600
700
800
900
1000
20mA
10mA
4mA
Figure 11. In-Band Third Harmonic vs. fOUT in the First Nyquist Zone over
Analog Full-Scale Current, fDAC = 1966.08 MHz
fOUT (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
100
200
300
400
500
600
700
800
900
1000
fDAC = 983.04MHz
fDAC = 1228.8MHz
fDAC = 1474.56MHz
fDAC = 1966.08MHz
Figure 12. Two-Tone Third Harmonic (IMD3) vs. fOUT, fDAC = 1966.08 MHz,
1474.56 MHz, 1228.8 MHz, and 983.04 MHz
fOUT (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
100
200
300
400
500
600
700
800
900
1000
0dBFS
–6dBFS
–12dBFS
–15dBFS
Figure 13. Two-Tone Third Harmonic (IMD3) vs. fOUT over Digital Backoff
fOUT (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
100
200
300
400
500
600
700
800
900
1000
20mA
10mA
4mA
Figure 14. Two-Tone Third Harmonic (IMD3) vs. fOUT over Analog Full-Scale
Current, fDAC = 1966.08 MHz
–170
–165
–160
–155
–150
–145
–140
–135
–130
fOUT (MHz)
0
100
200
300
400
500
600
700
800
900
1000
fDAC = 983.04MHz
fDAC = 1228.8MHz
fDAC = 1474.56MHz
fDAC = 1966.08MHz
Figure 15. Single Tone (0 dBFS) NSD vs. fOUT over fDAC = 1966.08 MHz,
1474.56 MHz, 1228.8 MHz, and 983.04 MHz at 70 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com