Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154 Datasheet(PDF) 45 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9154 Datasheet HTML 41Page - Analog Devices AD9154 Datasheet HTML 42Page - Analog Devices AD9154 Datasheet HTML 43Page - Analog Devices AD9154 Datasheet HTML 44Page - Analog Devices AD9154 Datasheet HTML 45Page - Analog Devices AD9154 Datasheet HTML 46Page - Analog Devices AD9154 Datasheet HTML 47Page - Analog Devices AD9154 Datasheet HTML 48Page - Analog Devices AD9154 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 45 of 124
TRANSPORT LAYER
DELAY
BUFFER 1
DELAY
BUFFER 0
F2S_0
F2S_1
DAC 1_I0[15:0]
DAC 2_Q0[15:0]
PCLK_1
LANE 0 OCTETS
LANE 7 OCTETS
PCLK_0
SPI CONTROL
LANE 3 OCTETS
LANE 4 OCTETS
DAC 3_I0[15:0]
DAC 4_Q0[15:0]
TRANSPORT LAYER
(QBD)
SPI CONTROL
Figure 57. Transport Layer Block Diagram
The transport layer receives the descrambled JESD204B frames
and converts them to DAC samples based on the programmed
JESD204B parameters shown in Table 42. A number of device
parameters are defined in Table 43.
Table 42. JESD204B Transport Layer Parameters
Parameter
Description
F
Number of octets per frame per lane: 1, 2, or 4.
K
Number of frames per multiframe.
K = 32 if F = 1, K = 16 or 32 otherwise.
L
Number of lanes per converter device (per link), as
follows.
1, 2, 4, or 8 (single link mode).
1, 2, or 4 (dual link mode).
M
Number of converters per device (per link), as follows.
1, 2, or 4 (single link mode).
1 or 2 (dual link mode).
S
Number of samples per converter, per frame: 1 or 2.
Table 43. JESD204B Device Parameters
Parameter
Description
CF
Number of control words per device clock per link.
Not supported, must be 0.
CS
Number of control bits per conversion sample. Not
supported, must be 0.
HD
High density user data format. Used when samples
must be split across lanes. Set to 1 when F = 1,
otherwise 0.
N
Converter resolution = 16.
N Prime (N
ʹ)
Total number of bits per sample = 16.
Certain combinations of these parameters, called JESD204B
operating modes, are supported by the AD9154. See Table 44
and Table 45 for a list of supported modes, along with their
associated clock relationships.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com