Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9154 Datasheet HTML 23Page - Analog Devices AD9154 Datasheet HTML 24Page - Analog Devices AD9154 Datasheet HTML 25Page - Analog Devices AD9154 Datasheet HTML 26Page - Analog Devices AD9154 Datasheet HTML 27Page - Analog Devices AD9154 Datasheet HTML 28Page - Analog Devices AD9154 Datasheet HTML 29Page - Analog Devices AD9154 Datasheet HTML 30Page - Analog Devices AD9154 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 27 of 124
Addr.
Bit
No.
Value1
Variable
Description
0x459
0x
[7:5]
JESDVer
JESDVer = 1 for JESD204B,
JESDVer = 0 for JESD204A.
[4:0]
S − 12
See the JESD204B Setup
section.
0x45A 7
0x
HD
See the JESD204B Setup
section.
[4:0]
CF
CF = 0
0x45D
0x
Lane0Checksum
See the JESD204B Setup
section.
0x46C
0x
Lanes
Deskew lanes.
0x476
0x
F
See the JESD204B Setup
section.
0x47D
0x
Lanes
Enable lanes. See the
JESD204B Setup section.
1
0x denotes a register value that the user must fill in. See the Variable and
Description columns for information on selecting the appropriate register
value.
2
This JESD204B link parameter is programmed in n − 1 notation as noted. For
example, if the setup requires L = 8 (8 lanes per link), program L − 1 or 7 into
Register 0x453, Bits[4:0].
If using dual link, perform writes from Register 0x300 to
Register 0x47D with CurrentLink = 0, and then repeat the same
set of register writes with CurrentLink = 1. Write to Register 0x200
and Register 0x201 only once.
STEP 4: PHYSICAL LAYER
This section describes how to set up the physical layer of the
SERDES interface. In this section, the input termination
settings are configured along with the CDR sampling and
SERDES PLL.
Table 21. Device Configurations and Physical Layer Settings
Addr.
Bit
No.
Value1
Variable
Description
0x2A7
0x01
Autotune PHY setting
0x2AE
0x01
Autotune PHY setting
0x314
0x01
SERDES SPI configuration
0x230
0x
5
Halfrate
Set up the CDR; see the
SERDES Clocks Setup section
[4:2]
0x2
[2:1]
OvSmp
Set up the CDR; see the
SERDES Clocks Setup section
0x206
0x00
Reset the CDR
0x206
0x01
Release the CDR reset
0x289
0x
2
1
SERDES PLL configuration
[1:0]
PLLDiv
Set the CDR oversampling
for PLL; see the SERDES
Clocks Setup section
0x284
0x62
Optimal SERDES PLL loop
filter
0x285
0xC9
Optimal SERDES PLL loop
filter
0x286
0x0E
Optimal SERDES PLL loop
filter
0x287
0x12
Optimal SERDES PLL CP
0x28A
0x7B
Optimal SERDES PLL VCO
LDO
0x28B
0x00
Optimal SERDES PLL PD
0x290
0x89
Optimal SERDES PLL VCO
0x291
0x4C
Optimal SERDES PLL VCO
0x294
0x24
Optimal SERDES PLL CP
0x296
0x1B
Optimal SERDES PLL VCO
0x297
0x0D
Optimal SERDES PLL VCO
0x299
0x02
Optimal SERDES PLL PD
0x29A
0x8E
Optimal SERDES PLL VCO
0X29C
0x2A
Optimal SERDES PLL CP
0x29F
0x7E
Optimal SERDES PLL VCO
0x2A0
0x06
Configure SERDES PLL VCO
0x280
0x01
Enable SERDES PLL2
0x268
0x
[7:6]
EqMode
See the Equalization Mode
Setup section
[5:0]
0x22
Required value (default)
1
0x denotes a register value that the user must fill in. See the Variable and
Description columns for information on selecting the appropriate register
value.
2
Verify that Register 0x281, Bit 0 reads back 1 after enabling the SERDES PLL
to indicate that the SERDES PLL has locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com