Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154 Datasheet(PDF) 68 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9154 Datasheet HTML 64Page - Analog Devices AD9154 Datasheet HTML 65Page - Analog Devices AD9154 Datasheet HTML 66Page - Analog Devices AD9154 Datasheet HTML 67Page - Analog Devices AD9154 Datasheet HTML 68Page - Analog Devices AD9154 Datasheet HTML 69Page - Analog Devices AD9154 Datasheet HTML 70Page - Analog Devices AD9154 Datasheet HTML 71Page - Analog Devices AD9154 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 68 of 124
Blanking State Machine (BSM)
The BSM gently ramps data entering the DAC and flushes the
datapath.
On a falling edge of TX_PROTECT (the TXENx signal delayed
by the Tx ENSM), the datapath holds the latest data value and
the digital gain gently ramps from its set value to 0. At the same
time, the datapath is flushed with zeroes.
On a rising edge of TX_PROTECT, the TXENx signal is delayed
by the Tx ENSM; data is allowed to flow through the datapath
again and the digital gain gently ramps the data from 0 up to the
set digital gain.
Both of the above functions are also triggered automatically by
the LMFC sync logic during a rotation to prevent glitching on
the output.
Ramping
The step size to use when ramping gain to 0 or its assigned value
can be controlled via the GAIN_RAMP_DOWN_STEPx registers
(Register 0x142 and Register 0x143) and the GAIN_RAMP_
UP_STEPx registers (Register 0x140 and Register 0x141). These
registers are paged as described in the Dual Paging section.
The current BSM state can be read back as shown in Table 73.
Table 73. Blanking State Machine Ramping Readbacks
Address
Value
Description
0x147[7:6]
0b00
Data is being held at midscale.
0b01
Ramping gain to 0. Data ramping to
midscale.
0b10
Ramping gain to assigned value. Data
ramping to normal amplitude.
0b11
Data at normal amplitude.
Blanking State Machine IRQ
Blanking completion is available as an IRQ event.
Use Register 0x021, Bit 5 to enable blanking completion for DAC
Dual A (DAC0 and DAC1), and then use Register 0x025, Bit 5
to read back its status and reset the IRQ signal.
Use Register 0x022, Bit 5 to enable blanking completion for
DAC Dual B (DAC2 and DAC3),and then use Register 0x026,
Bit 5 to read back its status and reset the IRQ signal.
See the Interrupt Request Operation section for more
information.
PDP OUTx Generation
Register 0x013 controls which signals are OR’ed into the
external PDP OUTx signal. Register 0x11F, Bit 2 can invert the
PDP OUTx signal, By default, PDP OUTx is high when output is
valid. Both of these registers are paged as described in the Dual
Paging section.
Table 74. PDP OUTx Registers
Addr.
Bit No.
Description
0x013
6
1: PDP block triggers PDP_OUT
5
1: Tx ENSM triggers PDP_OUT
3
1: SPI_PROTECT triggers PDP_OUT
2
Sets SPI_PROTECT
0x11F
2
Inverts PDP OUTx
DATAPATH PRBS
The datapath PRBS can verify that the AD9154 datapath is
receiving and correctly decoding data. The datapath PRBS verifies
that the JESD204B parameters of the transmitter and receiver
match, the lanes of the receiver are mapped appropriately, lanes
have been appropriately inverted, if necessary, and in general that
the start-up routine has been implemented correctly.
The datapath PRBS is paged as described in the Dual Paging
section. To run the datapath PRBS test, complete the following
steps:
1. Set up the device in the desired operating mode. See the
Device Setup Guide section for details on setting up the
device.
2. Send PRBS7 or PRBS15 data.
3. Write Register 0x14B, Bit 2 = 0 for PRBS7 or 1 for PRBS15.
4. Write Register 0x14B, Bit 1 and Bit 0 = 0b11 to enable and
reset the PRBS test.
5. Write Register 0x14B, Bit 1 and Bit 0 = 0b01 to enable the
PRBS test and release reset.
6. Wait 500 ms.
7. Check the status by checking the IRQ for DAC0 to DAC3
PRBS as described in the Datapath PRBS IRQ section.
8. If there are failures, set Register 0x008 = 0x01 to view the
status of Dual A (DAC0/DAC1). Set Register 0x08 = 0x02
to view the status of Dual B (DAC2/DAC3).
9. Read Register 0x14B, Bit 7 and Bit 6. Bit 6 is 0 if the I DAC
of the selected dual has any errors. Bit 7 is 0 if the Q DAC of
the selected dual has any errors. This must match the IRQ.
10. Read Register 0x14C to read the error count for the I DAC
of the selected dual. Read Register 0x14D to read the error
count for the Q DAC of the selected dual.
Note that the PRBS processes 32 bits at a time, and compares
the 32 new bits to the previous set of 32 bits. It detects (and
reports) only 1 error in every group of 32 bits, so the error
count partly depends on when the errors are seen. For example,
•
Bits: 32 good, 31 good, 1 bad; 32 good (2 errors)
•
Bits: 32 good, 22 good, 10 bad; 32 good (2 errors)
•
Bits: 32 good, 31 good, 1 bad; 31 good, 1 bad; 32 good
(3 errors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com