Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154 Datasheet(PDF) 64 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9154 Datasheet HTML 60Page - Analog Devices AD9154 Datasheet HTML 61Page - Analog Devices AD9154 Datasheet HTML 62Page - Analog Devices AD9154 Datasheet HTML 63Page - Analog Devices AD9154 Datasheet HTML 64Page - Analog Devices AD9154 Datasheet HTML 65Page - Analog Devices AD9154 Datasheet HTML 66Page - Analog Devices AD9154 Datasheet HTML 67Page - Analog Devices AD9154 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 64 of 124
The NCO phase offset is set as shown in Table 66 and paged as
described in the Dual Paging section. Because this function is
part of the fine modulation block, phase offset is not updated
immediately upon writing. Instead, it updates on the rising edge of
FTW_ UPDATE_REQ (Register 0x113, Bit 0 ) along with the FTW.
Table 66. NCO Phase Offset Registers
Address
Value
0x11A
NCO_PHASE_OFFSET[7:0]
0x11B
NCO_PHASE_OFFSET[15:8]
INVERSE SINC
DACs have a sin(x)/x amplitude roll-off as a function frequency.
This characteristic is shown in blue in Figure 72. The AD9154
provides a digital inverse sinc function to compensate for this
roll-off over frequency. The filter is enabled by setting the
INVSINC_ENABLE bit (Register 0x111, Bit 7, paged as described
in the Dual Paging section). Inverse sinc is enabled by default.
Figure 72 shows the frequency response of sin(x)/x roll-off, the
inverse sinc filter, and the composite response. The composite
response has less than ±0.05 dB pass-band ripple up to a
frequency of 0.4 × fDACCLK. To provide the necessary peaking at
the upper end of the pass band, the inverse sinc filter shown has
an intrinsic insertion loss of about 3.8 dB; in many cases, this can
be partially compensated as described in the Digital Gain section.
1
0
–1
–2
–3
–4
–5
0
0.05
0.10
0.15
0.20
FREQUENCY (×
fDAC)
0.25
0.30
0.35
0.45
0.40
0.50
SIN(X)/X ROLL-OFF
SINC–1 FILTER RESPONSE
COMPOSITE RESPONSE
Figure 72. Responses of sin(x)/x Roll-Off, the Sinc−1 Filter, and the Composite
of the Two Input Signal Power Detection and Protection
DIGITAL GAIN, PHASE ADJUST, DC OFFSET, AND
GROUP DELAY
Digital gain, phase adjust, and dc offset (as described in the
Digital Gain section, Phase Adjust section, and DC Offset
section) allow compensation of imbalances in the I and Q paths
due to analog mismatches between DAC I/Q outputs, quadrature
modulator I/Q baseband inputs, and DAC/modulator interface
I/Q paths. These imbalances can cause the two following issues:
An unwanted sideband signal appears at the quadrature
modulator output with significant energy. Cancel this
signal using digital gain and phase adjust.
Tuning the quadrature gain and phase adjust values can
optimize complex image rejection in single sideband radios
or can optimize the error vector magnitude (EVM) in zero
IF (ZIF) architectures.
The LO leakage at the output of a quadrature modulator
following the AD9154 in a signal chain can be cancelled by
adjusting the dc current output of each DAC driving
modulator signal inputs.
Digital Gain
Digital gain independently adjusts the digital signal magnitude
being fed into each DAC. The digital gain code can be left at its
default value where it provides 0 dB of digital backoff (in other
words, a gain of 1), or it can be programmed to provide larger
digital backoff. Digital gain can be programmed to introduce an
I/Q pair gain imbalance to help a quadrature modulator following
the AD9154 in a signal chain cancel an unwanted SSB sideband.
Digital gain is enabled by default and must not be disabled.
The amount of digital gain (GainCode) desired can be program-
med in the registers shown in Table 67. The digital gain settings
are described in the following equations:
0 ≤ Gain ≤ 4095/2048
−∞ dB ≤ dBGain ≤ 6.018 dB
Gain = GainCode × (1/2048)
dBGain = 20 × log10(Gain)
GainCode = 2048 × Gain = 2048 × 10dBGain/20
where GainCode is a 12-bit unsigned binary number.
The I/Q digital gain is set as shown in Table 67 and paged as
described in the Dual Paging section.
Table 67. Digital Gain Registers
Addr.
Value
Description
0x111[5]
DIG_GAIN_ENABLE
Set to 1 to enable digital gain
at reset
0x13C
GAINCODEI[7:0]
I DAC LSB gain code
0x13D
GAINCODEI[11:8]
I DAC MSB gain code
0x13E
GAINCODEQ[7:0]
Q DAC LSB gain code
0x13F
GAINCODEQ[11:8]
Q DAC MSB gain code
Phase Adjust
Ordinarily, the I and Q channels of each DAC pair have an
angle of 90° between them. The phase adjust feature changes the
angle between the I and Q channels, which balances the phase
into a modulator.
−14 ≤ DegreesAdjust < 14
PhaseAdj = (DegreesAdjust/14) × 212
where PhaseAdj is a 13-bit twos complement number.
The phase adjust is set as shown in Table 68 and paged as
described in the Dual Paging section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com